Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 65Page - Cirrus Logic CS43L36 Datasheet HTML 66Page - Cirrus Logic CS43L36 Datasheet HTML 67Page - Cirrus Logic CS43L36 Datasheet HTML 68Page - Cirrus Logic CS43L36 Datasheet HTML 69Page - Cirrus Logic CS43L36 Datasheet HTML 70Page - Cirrus Logic CS43L36 Datasheet HTML 71Page - Cirrus Logic CS43L36 Datasheet HTML 72Page - Cirrus Logic CS43L36 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
DS1081F3
69
CS43L36
7.4 Interrupt Registers
7.4.8
PLL Lock Interrupt Status
Address 0x130E
R/O
7654321
0
—
PLL_LOCK
Default
000000
0
x
Bits
Name
Description
7:1
—
Reserved
0
PLL_LOCK
PLL lock. Indicates the lock state of the PLL.
0No interrupt
1 Interrupt detected
7.4.9
Tip Sense Plug/Unplug Interrupt Status
Address 0x130F
R/O
7654321
0
—
TS_UNPLUG
TS_PLUG
–
Default
0000
x
x
x
x
Bits
Name
Description
7:4
—
Reserved
3
TS_UNPLUG Tip sense unplug status. See Section 4.8.3 for details. Setting TS_INV reverses the meaning of this bit.
0 Condition is not present.
1 Condition is present.
2
TS_PLUG
Tip sense plug status. See Section 4.8.3 for details. Setting TS_INV reverses the meaning of this bit.
0 Condition is not present.
1 Condition is present.
1:0
—
Reserved
7.4.10 Mixer Interrupt Mask
Address 0x1317
R/W
7654
32
1
0
—
M_CHA_OVFL
M_CHB_OVFL
Default
000
011
1
1
Bits
Name
Description
7:2
—
Reserved
1
M_CHA_OVFL
CHx_OVFL mask.
0 Unmasked
1 (Default) Masked
0
M_CHB_OVFL
7.4.11 SRC Interrupt Mask
Address 0x1318
R/W
76543210
—
M_SRC_IUNLK
—
M_SRC_ILK
Default
000011
11
Bits
Name
Description
7:3
—
Reserved
2
M_SRC_
IUNLK
SRC_IUNLK mask.
0 Unmasked
1 (Default) Masked
1—
Reserved
0
M_SRC_ILK SRC_ILK mask.
0 Unmasked
1 (Default) Masked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com