Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 31Page - Cirrus Logic CS43L36 Datasheet HTML 32Page - Cirrus Logic CS43L36 Datasheet HTML 33Page - Cirrus Logic CS43L36 Datasheet HTML 34Page - Cirrus Logic CS43L36 Datasheet HTML 35Page - Cirrus Logic CS43L36 Datasheet HTML 36Page - Cirrus Logic CS43L36 Datasheet HTML 37Page - Cirrus Logic CS43L36 Datasheet HTML 38Page - Cirrus Logic CS43L36 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
DS1081F3
35
CS43L36
4.5 Audio Serial Port (ASP)
Fig. 4-14 and Fig. 4-15 show the serial-port clocking architectures.
Figure 4-14. ASP SCLK Architecture
Figure 4-15. ASP LRCK Architecture
As shown in Fig. 4-16, the LRCK period (FSYNC_PERIOD_LB and FSYNC_PERIOD_UB, see p. 65) controls the number
of SCLK periods per frame. This effectively sets the frame length and the number of SCLK periods per Fs. Frame length
may be programmed in single SCLK period multiples from 16 to 4096 SCLK:Fs. If ASP_HYBRID_MODE (see p. 65) is
set, the SCLK period multiples must be set to 2 * n * Fs, where n
 {8, 9, …, 2048}.
Figure 4-16. ASP LRCK Period, High Width
FSYNC_PULSE_WIDTH_LB and FSYNC_PULSE_WIDTH_UB (see p. 64) control the number of SCLK periods for which
the LRCK signal is held high during each frame. Like the LRCK period, the LRCK-high width is programmable in single
SCLK periods, from at least one period to at most the LRCK period minus one. That is, the LRCK-high width must be
shorter than the LRCK period.
As shown in Fig. 4-17, if 50/50 Mode is enabled (ASP_5050 = 1, see p. 66), the LRCK high duration must be programmed
to the LRCK period divided by two (rounded down to the nearest integer when the LRCK period is odd). When the serial
port is in 50/50 Mode, setting the LRCK high duration to a value other than half of the period causes erroneous operation.
CLK DIV
IN
DIVSEL
OUT
SCLK
To
LRCK_GEN
SCLK in to DAI CLKGEN
ASP_SCLK
0
1
MCLKDIV
p. 64
ASP_SCPOL_IN_DAC p. 65
ASP_SCLK_EN = 1
(See p. 65)
LRCK in
ASP_LRCK/FSYNC
0
1
LR Generation
IN
PER
OUT
HI
EN
From SCLK
5050
DELAY
0
1
ASP_LCPOL_OUT p. 65
FSYNC_PULSE_WIDTH_LB p. 64
FSYNC_PULSE_WIDTH_UB p. 64
FSYNC_PERIOD_LB p. 65,
FSYNC_PERIOD_UB p. 65
ASP_5050 p. 66
ASP_FSD p. 66
ASP_LCPOL_IN p. 65
ASP_HYBRID_MODE p. 65
ASP_HYBRID_MODE p. 65
SCLK
LRCK
Falling
Edge
Rising
Edge
FSYNC_PERIOD
FSYNC_PULSE_WIDTH
...
...
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com