Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 44Page - Cirrus Logic CS43L36 Datasheet HTML 45Page - Cirrus Logic CS43L36 Datasheet HTML 46Page - Cirrus Logic CS43L36 Datasheet HTML 47Page - Cirrus Logic CS43L36 Datasheet HTML 48Page - Cirrus Logic CS43L36 Datasheet HTML 49Page - Cirrus Logic CS43L36 Datasheet HTML 50Page - Cirrus Logic CS43L36 Datasheet HTML 51Page - Cirrus Logic CS43L36 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
DS1081F3
48
CS43L36
5 System Applications
To clear status bits set due to initiation of a path or block, the status bits must be read after the corresponding module is
enabled and before normal operation begins. Otherwise, unmasking previously set status bits causes assertion of INT.
As Table 4-16 indicates, interrupt sources are categorized into two groups:
• Condition-based interrupt source bits are set when the condition is present and they remain set until the register is
read and the condition that caused the bit to assert is no longer present.
• Event-based interrupt source bits are cleared when read. In the absence of subsequent source events, reading one
of these status bits returns a 0.
5 System Applications
This section provides recommended procedures and instruction sequences for standard operations.
5.1 Power-Up Sequence
Ex. 5-1 is the procedure for implementing HP playback from the ASP. This example sequence configures the CS43L36
for SCLK = 12.288 MHz, LRCK = 48 kHz, and TDM playback, in Slave Mode.
Table 4-15. Interrupt Status Registers and Corresponding Mask Registers—0x13
Interrupt Source Status Register
Interrupt Mask Register
SRC Interrupt Status (Section 7.4.2)
ASP RX Interrupt Status (Section 7.4.3)
DAC Interrupt Status (Section 7.4.4)
Detect Interrupt Status 1 (Section 7.4.5)
SRC Partial Lock Interrupt Status (Section 7.4.6)
VP Monitor Interrupt Status (Section 7.4.7)
PLL Lock Interrupt Status (Section 7.4.8)
SRC Interrupt Mask (Section 7.4.11)
ASP RX Interrupt Mask (Section 7.4.12)
DAC Interrupt Mask (Section 7.4.13)
Detect Interrupt Mask 1 (Section 7.7.5)
SRC Partial Lock Interrupt Mask (Section 7.4.14)
VP Monitor Interrupt Mask (Section 7.4.15)
PLL Lock Mask (Section 7.4.16)
Table 4-16. Interrupt Source Types
Group
Status Registers
Interrupt Source Type
Tip sense debounce (see Section 7.2.7) TS_UNPLUG_DBNC
TS_PLUG_DBNC
Event
Event
Channel Overflow Interrupt
(see Section 7.4.1
)
CHA_OVFL
CHB_OVFL
Event
Event
Serial port
(see Section 7.4.2, Section 7.4.3
)
ASPRX_OVLD
ASPRX_ERROR
ASPRX_LATE
ASPRX_EARLY 1
ASPRX_NOLRCK 1
SRC_IUNLK
SRC_ILK
1.Reading this bit following an early LRCK/SM error/no LRCK returns a 1. Subsequent reads return a 0. Valid LRCK transitions or exiting the transmit
overflow condition rearms the detection of the corresponding event. See Table 4-9 for details.
Event
Event
Event
Event
Condition
Condition
Condition
Global (see Section 7.4.4
)
PDN_DONE
Condition
Headset (see Section 7.4.5)
TIP_SENSE_PLUG
TIP_SENSE_UNPLUG
All are events.
DAC (see Section 7.4.6
)
DAC_LK
Condition
VP monitor (see Section 7.4.7
)
VPMON_TRIP
Condition
PLL (see Section 7.4.8
)
PLL_LOCK
Condition
Tip sense plug/unplug status (see
Section 7.4.9
)
TS_UNPLUG
TS_PLUG
Events. Although a true event interrupt
clears when read, these dynamically reflect
the state of the debounced input signal.
Example 5-1. Power-Up Sequence
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1
Apply all relevant power supplies, then assert RST before applying SCLK and LRCK to the CS43L36.
2
Wait 2.5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com