Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 74Page - Cirrus Logic CS43L36 Datasheet HTML 75Page - Cirrus Logic CS43L36 Datasheet HTML 76Page - Cirrus Logic CS43L36 Datasheet HTML 77Page - Cirrus Logic CS43L36 Datasheet HTML 78Page - Cirrus Logic CS43L36 Datasheet HTML 79Page - Cirrus Logic CS43L36 Datasheet HTML 80Page - Cirrus Logic CS43L36 Datasheet HTML 81Page - Cirrus Logic CS43L36 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 89 page
background image
DS1081F3
78
CS43L36
7.13 SRC Registers
7.13 SRC Registers
7.14 Serial Port Receive Registers
7.12.3 Serial Port Receive Sample Rate
Address 0x2503
R/W
76543210
—
SP_RX_FS
Default
100011
00
Bits Name
Description
7:5
—
Reserved
4:0
SP_
RX_
FS
SP receive sample rate. Configures the sample rate of the SRC FSI when in Isochronous Mode. This setting autoscales when
configuring for a isochronous rate of 96 or 192 kHz with respect to the 48-kHz isochronous rate, e.g., 24-kHz setting in
isochronous rate of 48 kHz would be scaled to a 48-kHz setting in isochronous rate of 96 kHz.
0 0000 Reserved
0 0001 8.00 kHz
0 0010 11.025 kHz
0 0011 11.0295 kHz
0 0100 12.000 kHz
0 0101 16.000 kHz
0 0110 22.050 kHz
0 0111 22.059 kHz
0 1000 24.000 kHz
0 1001 32.000 kHz
0 1010 44.100 kHz
0 1011 44.118 kHz
0 1100 (Default) 48.000 kHz
0 1101 88.200 kHz
0 1110 88.236 kHz
0 1111 96.000 kHz
1 0000 176.400 kHz
1 0001 176.472 kHz
1 0010 192.000 kHz
1 0011–1 1111 Reserved
7.13.1 SRC Input Sample Rate
Address 0x2601
R/W
76543210
—
SRC_SDIN_FS
Default
010000
00
Bits Name
Description
7:5
—
Reserved
4:0 SRC_
SDIN_
FS
SRC input sample rate. Must equal FsINT if SRC_BYPASS_DAC =1.
0 0000 (Default) Don’t know
0 0001 8.00 kHz
0 0010 11.025 kHz
0 0011 11.0295 kHz
0 0100 12.000 kHz
0 0101 16.000 kHz
0 0110 22.050 kHz
0 0111 22.059 kHz
0 1000 24.000 kHz
0 1001 32.000 kHz
0 1010 44.100 kHz
0 1011 44.118 kHz
0 1100 48.000 kHz
0 1101 88.200 kHz
0 1110 88.236 kHz
0 1111 96.000 kHz
1 0000 176.400 kHz
1 0001 176.472 kHz
1 0010 192.000 kHz
1 0011–1 1111 Reserved
7.14.1 ASP Receive Enable
Address 0x2A01
R/W
76543210
—
ASP_RX0_CH_EN
—
ASP_RX0_2FS
Default
000000
00
Bits
Name
Description
7:4
—
Reserved
3:2
ASP_
RX0_
CH_EN
ASP receive DAI0 enable. Determines whether the channel buffer gets populated.
ASP_RX0_CH_EN[0] = Channel 1
ASP_RX0_CH_EN[1] = Channel 2
0 (Default) The corresponding channel buffer does not get populated.
1 The corresponding channel buffer is populated
1—
Reserved
0ASP_
RX0_
2FS
ASP receive DAI0 double-rate mode.
0 (Default) Standard sample rate, Fs (not doubled)
1 Sample rate is doubled, 2 Fs
7.14.2 ASP Receive DAI0 Channel 1 Phase and Resolution
Address 0x2A02
R/W
7
6
5432
1
0
—
ASP_RX0_CH1_AP
—
ASP_RX0_CH1_RES
Default
0
0
0000
1
1
Bits
Name
Description
7—
Reserved
6
ASP_RX0_
CH1_AP
ASP receive DAI0 active phase. Valid only in 50/50 Mode (ASP_5050 = 1 and ASP_RX0_2FS = 0).
0 (Default) Low. In 50/50 Mode, channel data is valid if LRCK/FSYNC is low.
1 High. In 50/50 Mode, channel data is valid when LRCK/FSYNC is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com