Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 15Page - Cirrus Logic CS43L36 Datasheet HTML 16Page - Cirrus Logic CS43L36 Datasheet HTML 17Page - Cirrus Logic CS43L36 Datasheet HTML 18Page - Cirrus Logic CS43L36 Datasheet HTML 19Page - Cirrus Logic CS43L36 Datasheet HTML 20Page - Cirrus Logic CS43L36 Datasheet HTML 21Page - Cirrus Logic CS43L36 Datasheet HTML 22Page - Cirrus Logic CS43L36 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
DS1081F3
19
CS43L36
3 Characteristics and Specifications
Table 3-14. Digital Interface Specifications and Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows CS43L36 connections; GNDD = GNDCP = GNDA = 0 V; voltages are with respect to ground;
parameters can vary with VL and VP; min/max performance data taken with VCP = VA = 1.8 V, VD_FILT = 1.2 V; VP = 3.0–5.25 V; VL = 1.66–1.94 V
(VL_SEL = VP) or VL = 1.1–1.3 V (VL_SEL = GNDD); TA = +25°C; CL =60pF.
Parameters 1
1.See Table 1-1 for serial and control-port power rails.
Symbol
Min
Max
Unit
Input leakage current 2,3
2.Specification is per pin. The CS43L36 is not a low-leakage device, per the MIPI Specification. See Section 13.
3.Includes current through internal pull-up or pull-down resistors on pin.
ASP_LRCK/FSYNC
ASP_SCLK,ASP_SDIN
TIP_SENSE
SDA, SCL
INT, WAKE, RESET
Iin
—
—
—
—
—
±4
±3
±100
±100
±100
µA
µA
nA
nA
nA
Internal weak pull-down
—
550
2450
k
Input capacitance 2
—
—
10
pF
INT or WAKE current sink (VOL = 0.3 V maximum)
—825
—
µA
VL Logic (non-I2C)
High-level output voltage (IOH = –100 µA)
Low-level output voltage
High-level input voltage
Low-level input voltage
VOH
VOL
VIH
VIL
0.9*VL
—
0.7*VL
—
—
0.1*VL
—
0.3*VL
V
V
V
V
VL Logic (I2C only)
Low-level output voltage
High-level input voltage
Low-level input voltage
Hysteresis voltage
VOL
VIH
VIL
VHYS
—
0.7*VL
—
0.05*VL
0.2*VL
—
0.3*VL
—
V
V
V
V
VP Logic (excluding TIP_SENSE)
Low-level output voltage
High-level input voltage
Low-level input voltage
VOL
VIH
VIL
—
0.9
—
0.2
—
0.2
V
V
V
TIP_SENSE 4
4.TIP_SENSE input circuit. This circuit allows the TIP_SENSE signal to go as low as –VCP_
FILT and as high as VP. Section 4.8.2 provides configuration details.
High-level input voltage
Low-level input voltage
VIH
VIL
0.87*VP
—
—
2.0
V
V
TIP_SENSE current to –VCP_FILT 4
TIP_SENSE_CTRL = 11 (Short-Detect Mode) ITIP_SENSE
1.00
2.91
µA
ITIP_SENSE
TIP_SENSE
Current to
–VCP_FILT
VP
TIP_SENSE
To Digital
Input Circuitry
–VCP_FILT
ESD Protection
–VCP_FILT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com