Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 33Page - Cirrus Logic CS43L36 Datasheet HTML 34Page - Cirrus Logic CS43L36 Datasheet HTML 35Page - Cirrus Logic CS43L36 Datasheet HTML 36Page - Cirrus Logic CS43L36 Datasheet HTML 37Page - Cirrus Logic CS43L36 Datasheet HTML 38Page - Cirrus Logic CS43L36 Datasheet HTML 39Page - Cirrus Logic CS43L36 Datasheet HTML 40Page - Cirrus Logic CS43L36 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
DS1081F3
37
CS43L36
4.5 Audio Serial Port (ASP)
programmed such that data from a given SCLK period is assigned to more than one channel. However, an exception exists
for the DAI as the same data can be used for both received channels’ location, if desired. For an example, see Section 5.1.
Fig. 4-19 shows channel location and size. See ASP_RX0_2FS (p. 78).
Figure 4-19. Example Channel Location and Size
4.5.4
Isochronous Serial-Port Operation
In Isochronous Mode, audio data can be transferred between the internal audio data paths and a serial port at isochronous
frequencies slower than the LRCK frequency. In all cases, the sample rate/LRCK frequency ratio must be one for which
there are points at which rising edges regularly align.
Notes: Combining an isochronous audio stream on a channel (or on multiple channels) concurrently with a native audio
stream on another channel (or other multiple channels) is not supported.
In Isochronous Mode, if a stream’s sample rate does not match the LRCK frequency, it must include nulls, indicated by
the negative full-scale (NFS) code (1 followed by 0s) or by adding nonaudio bits (NSB Mode) to the data stream.
SP_RX_NFS_NSBB (see p. 77) selects between the NFS and NSB modes.In NFS Mode, to achieve a desired
isochronous output sample rate, a null-insert block adds NFS samples to the output stream. NFS samples input to the
null-insert block are incremented and are passed to the output as valid, nonnull samples.
In NSB Mode, a null-insert block adds 8 bits to the data stream and inserts null samples to achieve a desired isochronous
output sample rate. Inserted null samples are defined as NFS including the nonaudio bits. NFS samples that are input to
the null-insert block are passed as valid, nonnull samples to the output. Valid samples are indicated by a nonzero value
in the null sample indicator bit. The null sample indicator bit is globally defined by the SP_RX_NSB_POS (see p. 77). Total
data stream sample width, including the nonaudio bits, is N + 8 bits. Therefore, the maximum HD audio sample width is
24 bits in NSB Mode.
In NFS Mode, a null-remove block deletes null samples, restoring the stream’s original sample rate. NFS samples that are
input to the null-remove block are removed from the data stream as invalid, null samples.
In NSB Mode, a null-remove block deletes samples that have a zero null sample indicator bit, restoring the stream’s
original sample rate. Furthermore, the output data has the least-significant 8 bits of nonaudio data removed. Samples with
a zero null sample indicator bit are removed from the data stream as invalid, null samples.
In either NSB or NFS Mode, setting the Rx rate fields (SP_RX_FS, see p. 78) matters only if an isochronous mode is
selected via SP_RX_ISOC_MODE (see p. 77). Supported isochronous rates are 48k, 96k, and 192k. The ASPx Rx rate
bits are used only to help determine when to remove nulls and to provide the correct fSI/fSO to the SRCs while in
Isochronous Mode.
For null-remove operations, the rates do not need to match the actual data rate. Likewise, if data is being or captured at
its native rate, these registers have no effect.
Slot 0
SCLK
Slot 1
Slot 62
Slot 63
0
503
504
511
70 7
07
0
First SCLK latching edge of a new frame after frame sync
Traditional
‘Slot’
N
23
Ch. M MSB
Ch. M LSB
0
15
Ch. M MSB
Ch. M LSB
0
7
Ch. M MSB
0
Channel Resolution = 00
Channel Resolution = 01
Channel Resolution = 10
Channel Location = N
TDM
Channel M Data
Don’t Care
Don’t Care
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com