Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 7Page - Cirrus Logic CS43L36 Datasheet HTML 8Page - Cirrus Logic CS43L36 Datasheet HTML 9Page - Cirrus Logic CS43L36 Datasheet HTML 10Page - Cirrus Logic CS43L36 Datasheet HTML 11Page - Cirrus Logic CS43L36 Datasheet HTML 12Page - Cirrus Logic CS43L36 Datasheet HTML 13Page - Cirrus Logic CS43L36 Datasheet HTML 14Page - Cirrus Logic CS43L36 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
DS1081F3
11
CS43L36
2.1 Electromagnetic Compatibility (EMC) Circuitry
2.1 Electromagnetic Compatibility (EMC) Circuitry
The circuit in Fig. 2-2 may be applied to signals not local to the CS43L36 (i.e., that traverse significant distances) for EMC.
Figure 2-2. Optional EMC Circuit
2.1.1
Low-Profile Charge-Pump Capacitors
In the typical connection for analog mics (Fig. 2-1), the recommended capacitor values for the charge-pump circuitry are
2.2 µF, rated as X7R/X5R or better. The following low-profile versions of these capacitors are suitable for the application:
• Description: 2.2 µF ±20%, 6.3 V, X5R, 0201
• Manufacturer, Part Number: Murata, GRM033R60J225ME47, nominal height = 0.3 mm
• Manufacturer, Part Number: AVX, 02016D225MAT2A, nominal height = 0.33 mm
Note: Although the 0201 capacitors described are suitable, larger capacitors such as 0402 or larger may provide
acceptable performance.
2.1.2
Ceramic Capacitor Derating
Note 4 in Fig. 2-1 highlights that ceramic capacitor derating factors can significantly affect in-circuit capacitance values
and, in turn, CS43L36 performance. Under typical conditions, numerous types and brands of large-value ceramic
capacitors in small packages exhibit effective capacitances well below their ±20% tolerance, with some being derated by
as much as –50%. These same capacitors, when tested by a multimeter, read much closer to their rated value. A similar
derating effect has not been observed with tantalum capacitors.
The derating observed varied with manufacturer and physical size: Larger capacitors performed better, as did ones from
Kemet Electronics Corp. and TDK Corp. of any size. This derating effect is described in data sheets and in applications
notes from capacitor manufacturers. For instance, as DC and AC voltages are varied from the standard test points (applied
DC and AC voltages for standard test points versus PSRR test are 0 and 1 VRMS @ 1 kHz versus 0.9 V and ~1 mVRMS
@ 20 Hz–20 kHz), it is documented that the capacitances vary significantly.
To/from
other
circuits
To/from DUT
27 pF
X7R
D1
L1
L2
L1 and L2: Ferrite:
fTransition = 30–100 MHz
DCR = 0.09–0.30
D1: Transorb:
VBreakdown > Normal operating peak
voltage of signal
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com