Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 87 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 87 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 81Page - Cirrus Logic CS43L36 Datasheet HTML 82Page - Cirrus Logic CS43L36 Datasheet HTML 83Page - Cirrus Logic CS43L36 Datasheet HTML 84Page - Cirrus Logic CS43L36 Datasheet HTML 85Page - Cirrus Logic CS43L36 Datasheet HTML 86Page - Cirrus Logic CS43L36 Datasheet HTML 87Page - Cirrus Logic CS43L36 Datasheet HTML 88Page - Cirrus Logic CS43L36 Datasheet HTML 89Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 87 / 89 page
background image
DS1081F3
87
CS43L36
10.2 QFN Package Dimensions
10.2 QFN Package Dimensions
Table 10-2. QFN Package Dimensions
Dimension
mm
Minimum
Nominal
Maximum
A
0.7
0.75
0.8
A1
0.00
0.035
0.05
A2
—
0.55
0.67
A3
0.203 REF
b
0.15
0.20
0.25
D
5.00 BSC
K
3.4
3.5
3.6
e
0.40 BSC
E
5.00 BSC
J
3.4
3.5
3.6
L
0.35
0.40
0.45
aaa
0.10
bbb
0.10
ccc
0.08
ddd
0.10
eee
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com