Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 75Page - Cirrus Logic CS43L36 Datasheet HTML 76Page - Cirrus Logic CS43L36 Datasheet HTML 77Page - Cirrus Logic CS43L36 Datasheet HTML 78Page - Cirrus Logic CS43L36 Datasheet HTML 79Page - Cirrus Logic CS43L36 Datasheet HTML 80Page - Cirrus Logic CS43L36 Datasheet HTML 81Page - Cirrus Logic CS43L36 Datasheet HTML 82Page - Cirrus Logic CS43L36 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
DS1081F3
79
CS43L36
7.14 Serial Port Receive Registers
5:2
—
Reserved
1:0 ASP_RX0_
CH1_RES
ASP Receive DAI0 channel bit width. Sets output resolution of the ASP receive DAI0 channel x samples.
00 8 bits per sample (only for isochronous NFS and native modes)
01 16 bits per sample
10 24 bits per sample
11 (Default) 32 bits per sample
7.14.3 ASP Receive DAI0 Channel 1 Bit Start MSB
Address 0x2A03
R/W
76
54
32
1
0
—
ASP_RX0_CH1_BIT_ST_MSB
Default
000
00
00
0
Bits
Name
Description
7:1
—
Reserved
0
ASP_RX0_CH1_
BIT_ST_MSB
ASP receive DAI0 Channel 1 bit start MSB. Configures the MSB location of the channel with respect to SOF (LRCK
edge + phase lag)
7.14.4 ASP Receive DAI0 Channel 1 Bit Start LSB
Address 0x2A04
R/W
76543210
ASP_RX0_CH1_BIT_ST_LSB
Default
000000
00
Bits
Name
Description
7:0 ASP_RX0_CH1_
BIT_ST_LSB
ASP receive DAI0 Channel 1 bit start LSB. Configures the LSB location of the channel with respect to SOF (LRCK
edge + phase lag)
7.14.5 ASP Receive DAI0 Channel 2 Phase and Resolution
Address 0x2A05
R/W
7
6
543
21
0
—
ASP_RX0_CH2_AP
—
ASP_RX0_CH2_RES
Default
0
0
000
011
Bits
Name
Description
7—
Reserved
6
ASP_RX0_
CH2_AP
ASP receive DAI0 active phase. Valid only in 50/50 Mode (ASP_5050 = 1 and ASP_RX0_2FS = 0).
0 (Default) Low. In 50/50 Mode, channel data is input when LRCK/FSYNC is low.
1 High. In 50/50 Mode, channel data is input when LRCK/FSYNC is high.
5:2
—
Reserved
1:0 ASP_RX0_
CH2_RES
ASP receive DAI0 channel bit width. Sets the output resolution of the ASP receive DAI0 channel x samples.
00 8 bits per sample (valid only for isochronous NFS and native mode)
01 16 bits per sample
10 24 bits per sample
11 (Default) 32 bits per sample
7.14.6 ASP Receive DAI0 Channel 2 Bit Start MSB
Address 0x2A06
R/W
76
54
32
1
0
—
ASP_RX0_CH2_BIT_ST_MSB
Default
00
00
00
0
0
Bits
Name
Description
7:1
—
Reserved
0
ASP_RX0_CH2_
BIT_ST_MSB
ASP receive DAI0 Channel 2 bit start MSB. Configures the MSB location of the channel with respect to SOF (LRCK
edge + phase lag).
7.14.7 ASP Receive DAI0 Channel 2 Bit Start LSB
Address 0x2A07
R/W
765
43210
ASP_RX0_CH2_BIT_ST_LSB
Default
00
000000
Bits
Name
Description
7:0 ASP_RX0_CH2_
BIT_ST_LSB
ASP receive DAI0 Channel 2 bit start LSB. Configures the LSB location of the channel with respect to SOF (LRCK
edge + phase lag).
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com