Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 16Page - Cirrus Logic CS43L36 Datasheet HTML 17Page - Cirrus Logic CS43L36 Datasheet HTML 18Page - Cirrus Logic CS43L36 Datasheet HTML 19Page - Cirrus Logic CS43L36 Datasheet HTML 20Page - Cirrus Logic CS43L36 Datasheet HTML 21Page - Cirrus Logic CS43L36 Datasheet HTML 22Page - Cirrus Logic CS43L36 Datasheet HTML 23Page - Cirrus Logic CS43L36 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
DS1081F3
20
CS43L36
4 Functional Description
4 Functional Description
This section provides a general description of the CS43L36 architecture and detailed functional descriptions of the various
blocks that make up the CS43L36. Fig. 4-1 shows the flow of signals through the CS43L36 and gives links to detailed
descriptions of the respective sections.
The CS43L36 is an ultralow-power stereo DAC. The DAC feeds a stereo pseudodifferential output amplifier. The
converters operate at a low oversampling ratio, maximizing power savings while maintaining high performance.
The serial data interface ports operate either at standard audio-sample rates as timing slaves or in Hybrid-Master Mode
as a bit-clock slave generating LRCK internally. An onboard fractional-N PLL can be used to generate the internal-core
timing (MCLKINT) if the SCLK source is not one of the following rates (where N =2 or 4):
• N x 5.6448 or 6.1440 MHz
• USB rates (N x 6 MHz)
The CS43L36 significantly reduces overall power consumption, with a very low-voltage digital core and with low-voltage
Class H amplifiers (powered from an integrated LDO regulator and a step-down/inverting charge pump, respectively). The
CS43L36 comprises the following subblocks:
• Volume control, described in Section 4.1, uses selectable attenuation to provide relative volume control and to avoid
clipping.
• Analog outputs. The analog output block, described in Section 4.2, includes separate pseudodifferential headphone
Class H amplifiers. An on-chip step-down/inverting charge pump creates a positive and negative voltage equal to the
input or to either one-half or one-third of the input supply for the amplifiers, allowing an adaptable, full-scale output
swing centered around ground. The resulting internal amplifier supply can be ±VCP/3, ±VCP/2, ±VCP, or ±2.5 V.
The inverting architecture eliminates the need for large DC-blocking capacitors and allows the amplifier to deliver
more power to HP loads at lower supply voltages. The step-down architecture allows the amplifier’s power supply
to adapt to the required output signal. This adaptive power-supply scheme converts traditional Class AB amplifiers
into more power-efficient Class H amplifiers.
Figure 4-1. Overview of Signal Flow
PLL
Clock
Gen
MCLK
Interpolator
and
Volume
Control
ASP_SDIN
ASP_SCLK
ASP_LRCK
/FSYNC
SCL
SDA
Pseudodifferential
Input
Headphone Detect
HS3
TIP_SENSE
INT
Digital Audio
Input
I2C Slave
SRC
SRC
Headset
Impedance
Detect and
Switches
WAKE
AD0 AD1
HS3_REF
VL
VD_FILT
LDO
with
Bypass
DIGLDO_PDN
+VCP_FILT
–VCP_FILT
VA
Inverting
Step-Down
LDO
VP
Analog Core
POR
VCP
VP_CP
Digital
Core
CS43L36
Interpolator
and
Volume
Control
Multibit

Modulator
DAC
Multibit

Modulator
HPOUTB
–VCP_FILT
HPOUTA
+VCP_FILT
–VCP_FILT
+VCP_FILT
HPSENSA *
–
+
–
+
HPSENSB *
* WLCSP
package only
DAC
See Section 4.1.“Digital Volume Control.”
See Section 4.2 “Analog Output.”
See Section 4.7,
Headset Interface”
See Section 4.4,
“Clocking
Architecture.”
See Section 4.6,
“Sample-Rate
Converters (SRCs)”
See Section 4.10, “Control-Port Operation”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com