Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 43Page - Cirrus Logic CS43L36 Datasheet HTML 44Page - Cirrus Logic CS43L36 Datasheet HTML 45Page - Cirrus Logic CS43L36 Datasheet HTML 46Page - Cirrus Logic CS43L36 Datasheet HTML 47Page - Cirrus Logic CS43L36 Datasheet HTML 48Page - Cirrus Logic CS43L36 Datasheet HTML 49Page - Cirrus Logic CS43L36 Datasheet HTML 50Page - Cirrus Logic CS43L36 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
DS1081F3
47
CS43L36
4.11 Reset
Figure 4-29. Control-Port Timing, I2C Reads with Preamble and Autoincrement
The following pseudocode illustrates an aborted write operation followed by a single read operation, assumes page
address has been written. For multiple read operations, autoincrement would be set to on (as shown in Fig. 4-29).
Send start condition.
Send 10010(AD1)(AD0)0 (chip address and write operation).
Receive acknowledge bit.
Send MAP byte, autoincrement off.
Receive acknowledge bit.
Send stop condition, aborting write.
Send start condition.
Send 10010(AD1)(AD0)1 (chip address and read operation).
Receive acknowledge bit.
Receive byte, contents of selected register.
Send acknowledge bit.
Send stop condition.
4.11 Reset
The CS43L36 offers the reset options described in Table 4-14.
4.12 Interrupts
The following sections describe the CS43L36 interrupt implementation.
4.12.1 Standard Interrupts
The interrupt output pin, INT, is used to signal the occurrence of events within the device’s interrupt status registers. Events
can be masked individually by setting corresponding bits in the interrupt mask registers. Table 4-15 lists interrupt status
and mask registers. The configuration of mask bits determines which events cause the immediate assertion of INT:
• When an unmasked interrupt status event is detected, the status bit is set and INT is asserted.
• When a masked interrupt status event is detected, the interrupt status bit is set, but INT is not affected.
Once asserted, INT remains asserted until all status bits that are unmasked and set have been read. Interrupt status bits
are sticky and read-to-clear: Once set, they remain set until the register is read and the associated interrupt condition is
not present. If a condition is still present and the status bit is read, although INT is deasserted, the status bit remains set.
Table 4-14. Reset Summary
Reset
Cause
Result
Device hard reset
Asserting RESET If RESET is asserted, all registers (both VP and VD_FILT domains) and all state machines are
immediately set to their defaults. No operation can begin until RESET is deasserted. Before normal
operation can begin, RESET must be asserted at least once after the VP supply is first brought up.
Power-on reset (POR) Power up
If VD_FILT is lower than the POR threshold, the VD_FILT register fields and the state machines are
held in reset, setting them to their default values/states. This does not reset the VP registers. The
POR releases the reset when the VD_FILT supply goes above the POR threshold.
VL and VA supplies must be turned at the same time the VD_FILT supply is turned on.
SCL
CHIP ADDRESS(WRITE)
MAP BYTE
DATA
START
ACK
STOP
ACK
ACK
ACK
SDA
7
0
7
0
CHIP ADDRESS(READ)
START
7
6
5
4
3
2
1
0
7
0
NO
16
8
9
12 13 14 15
4
5
6
7
0
1
20 21 22 23 24
26 27 28
2
3
10 11
17 18 19
25
ACK
STOP
MAP Addr = Z
Addr = 10010
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
DATA
DATA
SDA
Source
Master
Master
Master
Pullup
Slave
Slave
Slave
Slave
Slave
Master
Master
Master
Pullup
Addr = 10010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com