Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 20Page - Cirrus Logic CS43L36 Datasheet HTML 21Page - Cirrus Logic CS43L36 Datasheet HTML 22Page - Cirrus Logic CS43L36 Datasheet HTML 23Page - Cirrus Logic CS43L36 Datasheet HTML 24Page - Cirrus Logic CS43L36 Datasheet HTML 25Page - Cirrus Logic CS43L36 Datasheet HTML 26Page - Cirrus Logic CS43L36 Datasheet HTML 27Page - Cirrus Logic CS43L36 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
DS1081F3
24
CS43L36
4.3 Class H Amplifier
The CS43L36 HP output amplifiers use a Cirrus Logic four-mode Class H technology, which maximizes operating
efficiency of the typical Class AB amplifier while maintaining high performance. In a Class H amplifier design, the rail
voltages supplied to the amplifier vary with the needs of the music passage being amplified. This conserves energy during
low-power passages and when the program material is played back at low volume.
The internal charge pump, which creates the rail voltages for the HP amplifiers, is the central component of the four-mode
Class H technology. The charge pump receives its input voltage from the voltage present on either the VCP or VP pin.
From this voltage, the charge pump generates the differential rail voltages supplied to the amplifier output stages. The
charge pump can supply four sets of differential rail voltages: ±2.5, ±VCP, ±VCP/2, and ±VCP/3.
Table 4-1 shows the nominal signal- and volume-level ranges if the amplifier is set to the adapt-to-signal mode explained
in Section 4.3.1. In addition to adapting to the input signal, the Class H control is capable of monitoring the internal
headphone amplifier supply to allow more efficient, load-dependent, automatic Smart Class H Mode selection. In fixed
modes, if the signal level exceeds the maximum value of the indicated range, clipping can occur.
4.3.1
Power Control Options
This section describes the supported types of operation: standard Class AB and adapt to signal. The set of rail voltages
supplied to the amplifier output stages depends on the ADPTPWR setting, as described in Section 7.10.1.
4.3.1.1 Standard Class AB Operation (ADPTPWR = 001, 010, 011, or 100)
If ADPTPWR is set to 001, 010, 011, or 100, the rail voltages supplied to the amplifiers are held to ±2.5, ±VCP, ±VCP/2,
or ±VCP/3, respectively. For these settings, the rail voltages supplied to the output stages are held constant, regardless
of the signal level. In these settings, the CS43L36 amplifiers operate in a traditional Class AB configuration.
4.3.1.2 Adapt-to-Output Signal (ADPTPWR = 111)
If ADPTPWR = 111, the rail voltage sent to the amplifiers is based only on whether the signal sent to the amplifiers would
cause the amplifiers to clip when operating on the lower set of rail voltages at certain threshold values.
• If clipping can occur, the control logic instructs the charge pump to provide the next higher set of rail voltages.
• If clipping could not occur, the control logic instructs the charge pump to provide the lower set of rail voltages,
eliminating the need to advise the CS43L36 of volume settings external to the device.
Table 4-1. Class H Supply Modes
Load
Mode
Class-H Supply Voltage
Signal-Level Range 1,2,3,4
1.In Adapt-to-Signal Mode, volume level ranges are approximations but are within –0.5 dB from the values shown.
2.Relative to digital full scale with FULL_SCALE_VOL set to 0 dB.
3.In fixed modes, clipping occurs if the signal level exceeds the maximum of this range due to setting the amplifier’s supply too low.
4.To optimize efficiency, smart Class H thresholds automatically vary based on load conditions.
Resistance
Capacitance
15
1 nF
0
±2.5 V
≥ –8 dB
1
± VCP
–9 to –14 dB
2
± VCP/2
–15 to –20 dB
3
± VCP/3
≤ –21 dB
10 nF
0
±2.5 V
≥ –9 dB
1
± VCP
–10 to –14 dB
2
± VCP/2
–15 to –19 dB
3
± VCP/3
≤ –20 dB
30
1 or 10 nF
0
±2.5 V
≥ –4 dB
1
± VCP
–5 to –11 dB
2
± VCP/2
–12 to –16 dB
3
± VCP/3
≤ –17 dB
3 k
1 or 10 nF
0
±2.5 V
≥ –1 dB
1
± VCP
–2 to –8 dB
2
± VCP/2
–9 to –13 dB
3
± VCP/3
≤ –14 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com