Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 51Page - Cirrus Logic CS43L36 Datasheet HTML 52Page - Cirrus Logic CS43L36 Datasheet HTML 53Page - Cirrus Logic CS43L36 Datasheet HTML 54Page - Cirrus Logic CS43L36 Datasheet HTML 55Page - Cirrus Logic CS43L36 Datasheet HTML 56Page - Cirrus Logic CS43L36 Datasheet HTML 57Page - Cirrus Logic CS43L36 Datasheet HTML 58Page - Cirrus Logic CS43L36 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
DS1081F3
55
CS43L36
6.5 Fractional-N PLL Registers
6.5 Fractional-N PLL Registers
0x0B
DAC Lock Status
(Read Only)
—
DAC_UNLK
—
DAC_LK
—
p. 68
xxxx
xxxx
0x0C
Reserved
—
xxxx
xxxx
0x0D
VPMON Interrupt
(Read Only)
—
VPMON_TRIP
p. 68
00
00
000
x
0x0E
PLL Lock (Read Only)
—
PLL_LOCK
p. 69
00
00
000
x
0x0F
Tip Sense Plug/Unplug
Interrupt Status (Read
Only)
—
TS_UNPLUG
TS_PLUG
—
p. 69
xx
xx
xxxx
0x10–0x16 Reserved
—
xxxx
xxxx
0x17
Channel Overflow
Interrupt Mask
—
M_CHA_OVFL M_CHB_OVFL
p. 69
00
001111
0x18
SRC Interrupt Mask
—
M_SRC_
IUNLK
M_SRC_ILK
p. 69
00
0
011
11
0x19
ASP RX Interrupt Mask
—
M_ASPRX_
OVLD
M_ASPRX_
ERROR
M_ASPRX_
LATE
M_ASPRX_
EARLY
M_ASPRX_
NOLRCK
p. 70
00
011111
0x1A
Reserved
—
xxxx
xxxx
0x1B
DAC Interrupt Mask
—
M_PDN_
DONE
p. 70
00
000011
0x1C
DAC Lock Mask
M_DAC_UNLK
—
M_DAC_LK
—
p. 70
01
111111
0x1D
Reserved
—
00
000000
0x1E
VPMON Interrupt
Mask
—
M_VPMON_
TRIP
p. 71
00
00
0001
0x1F
PLL Lock Mask
—
M_PLL_LOCK
p. 71
00
00
0001
0x20
Tip Sense Plug/Unplug
Interrupt Mask
—
M_TS_
UNPLUG
M_TS_PLUG
—
p. 71
00
001111
0x21–0x7F Reserved
—
00
000000
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x15—Fractional-N PLL Registers
Address
Function
7
6
543210
0x00
Control Port Page
PAGE
00
010101
0x01
PLL Control 1
—
PLL_START
p. 71
00
000000
0x02
PLL Division Fractional
Byte 0
PLL_DIV_FRAC[7:0]
p. 72
00
000000
0x03
PLL Division Fractional
Byte 1
PLL_DIV_FRAC[15:8]
p. 72
00
000000
0x04
PLL Division Fractional
Byte 2
PLL_DIV_FRAC[23:16]
p. 72
00
000000
0x05
Division Integer
PLL_DIV_INT[7:0]
p. 72
01
000000
0x06–0x07 Reserved
—
xxxx
xxxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x13—Interrupt Registers
Address
Function
7
6
543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com