Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 36Page - Cirrus Logic CS43L36 Datasheet HTML 37Page - Cirrus Logic CS43L36 Datasheet HTML 38Page - Cirrus Logic CS43L36 Datasheet HTML 39Page - Cirrus Logic CS43L36 Datasheet HTML 40Page - Cirrus Logic CS43L36 Datasheet HTML 41Page - Cirrus Logic CS43L36 Datasheet HTML 42Page - Cirrus Logic CS43L36 Datasheet HTML 43Page - Cirrus Logic CS43L36 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
DS1081F3
40
CS43L36
4.6 Sample-Rate Converters (SRCs)
4.5.7
Recommended Serial-Port Power-Up and Power-Down Strategies
Although multiple safeguards and controls are implemented to prevent a run on the FIFOs involved in passing data from
the input port to the output port, the following power-up sequence is recommended. Section 5 gives detailed sequences.
1. Configure all playback channel characteristics—bit resolution, channel select, source (DAI), native/isochronous,
sample rates, etc.
2. Power up playback, and ASRCs.
3. Release the PDN_ALL bit.
4. Power up the serial ports (DAI).
The following power-down sequence is recommended:
1. Power down the playback path.
2. Power down the serial ports.
4.6 Sample-Rate Converters (SRCs)
SRCs bridge different sample rates at the serial ports within the digital-processing core. SRCs are used for the following:
• Two ASP input channels (Channels 1 and 2).
• SRCs are bypassable by setting SRC_BYPASS_DAC (see p. 60).
An SRC’s digital-processing side (as opposed to its serial-port side) connects to the DAC. Multirate DSP techniques are
used to up-sample incoming data to a very high rate and then down-sample to the outgoing rate. Internal filtering is
designed so that a full-input audio bandwidth of 20 kHz is preserved if the input and output sample rates are at least
44.1 kHz. If the output sample rate becomes less than the input sample rate, the input is automatically band limited to avoid
aliasing artifacts in the output signal.
The following restrictions must be met:
•The Fso-to-FSI ratio must be no more than 1:6 or 6:1. For example, if the DAC is at 48 kHz, the input to the SRC
must be at least 8 kHz.
• SRC operation cannot be changed on-the-fly. Before changing the SRC operation (e.g., changing SRC frequencies
or bypassing or adding the SRCs), the user must follow the power sequences provided in Section 4.5.7.
• The MCLK frequency must be as close as possible to, but not less than the minimum SRC MCLK frequency,
MCLKMIN, which must be at least 125 times the higher of the two sample rates (FSI or Fso).
For example, if Fso is 48 kHz and FSI is 32 kHz, the MCLK must be as close as possible to, but not less than, an
MCLKMIN of 6.0 MHz. The MCLK frequency for the SRCs is configured through CLK_IASRC_SEL (see p. 66).
Table 4-10 shows settings for the supported sample rates and corresponding MCLKINT frequencies.
Jitter in the incoming signal has little effect on rate-converter dynamic performance. It does not affect the output clock.
A digital PLL continually measures the heavily low-pass-filtered phase difference and the frequency ratio between input
and output sample rate clocks. It uses the data to dynamically adjust coefficients of a linear time-varying filter that
processes a synchronously oversampled version of the input data. The filter output is resampled to the output sample rate.
For input serial ports, input and output sample-rate clocks are respectively derived from the external serial-port sample
clock (x_LRCK) and the internal Fs clock. FS_EN (see p. 66) must be set according to the FSI or Fso SRC sample rates.
Table 4-10. Supported Sample Rates and Corresponding MCLKINT Encodings
Fsint
(kHz)
Serial Port Sample Rate (kHz)
8.0
11.025
11.029
12 16
22.05
22.059
24 32 44.1
44.118
48 88.2
88.235
96
176.4
176.471
192
44.1
00
00
00
00 00
00
00
00 00
00
00
00
01
01
01
10
10
10
48
00
00
00
00 00
00
00
00 00
00
00
00
01
01
01
10
10
10
Note: SRC MCLKINT Freq= 00 (6 MHz), 01 (12 MHz), 11 (24 MHz), configured in CLK_IASRC_SEL (see p. 66)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com