Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 55Page - Cirrus Logic CS43L36 Datasheet HTML 56Page - Cirrus Logic CS43L36 Datasheet HTML 57Page - Cirrus Logic CS43L36 Datasheet HTML 58Page - Cirrus Logic CS43L36 Datasheet HTML 59Page - Cirrus Logic CS43L36 Datasheet HTML 60Page - Cirrus Logic CS43L36 Datasheet HTML 61Page - Cirrus Logic CS43L36 Datasheet HTML 62Page - Cirrus Logic CS43L36 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
DS1081F3
59
CS43L36
6.15 ID Registers
6.15 ID Registers
7 Register Descriptions
The tables in this section give bit assignments, definitions, and default states after power-up or reset. Reserved register
fields must maintain default states. Section 6 describes the red, turquoise, and orange indicators.
7.1 Global Registers
0x08–0x7F Reserved
—
xxxx
xxxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94(Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x30—ID Registers
Address
Function
765
43210
0x00
Control Port Page
PAGE
001
10000
0x01–0x13 Reserved
—
xxxxx
xxx
0x14
Subrevision
SUBREVISION
p. 80
xxxxx
xxx
0x15
Device ID A and B
(Read Only)
DEVIDA
DEVIDB
p. 80
010
00011
0x16
Device ID C and D
(Read Only)
DEVIDC
DEVIDD
p. 80
101
00011
0x17
Device ID E (Read
Only)
DEVIDE
—
p. 80
011
0
x
x
x
x
0x–0x7F
Reserved
—
xxxxx
xxx
7.1.1
Revision ID
Address 0x1005
R/O
76543210
AREVID
MTLREVID
Default
xxxxxxxx
Bits
Name
Description
7:4
AREVID
Alpha revision. CS43L36 alpha revision level. AREVID and MTLREVID form the complete device revision ID (e.g.,: A0, B2).
0x00 … 0xFF
3:0 MTLREVID Metal revision. CS43L36 metal revision level. AREVID and MTLREVID form the complete device revision ID (e.g.,: A0, B2).
0x00 … 0xFF
7.1.2
Freeze Control
Address 0x1006
R/W
7654321
0
—
FREEZE
Default
000000
0
0
Bits
Name
Description
7:1
—
Reserved
0
FREEZE Freeze registers. Configures a hold on all volume-control and power-down register settings. Use this bit only during normal
operation after all circuit blocks in use have powered up. Using the bit when an affected circuit block is powering up could cause
the change to occur immediately when power up completes (i.e., not gated by the FREEZE bit). Bits affected by FREEZE are
shown in orange throughout Section 6 and Section 7.
0 (Default) Volume-control and power-down register changes take effect immediately.
1 Modifications made to volume-control and power-down registers take effect only after this bit is cleared.
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x2A—Serial Port Receive Registers
Address
Function
7
6
543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com