Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 28Page - Cirrus Logic CS43L36 Datasheet HTML 29Page - Cirrus Logic CS43L36 Datasheet HTML 30Page - Cirrus Logic CS43L36 Datasheet HTML 31Page - Cirrus Logic CS43L36 Datasheet HTML 32Page - Cirrus Logic CS43L36 Datasheet HTML 33Page - Cirrus Logic CS43L36 Datasheet HTML 34Page - Cirrus Logic CS43L36 Datasheet HTML 35Page - Cirrus Logic CS43L36 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
DS1081F3
32
CS43L36
4.4 Clocking Architecture
Powering up the PLL can be accomplished in several configurations. Table 4-4 shows example configurations; the
sequences in Section 4.4.3.1 and Section 4.4.3.2 can be used as models.
MCLKINT combinations not shown in Table 4-4 can be determined by Eq. 4-1:
The internal PLL output must be between ~150 and ~300 MHz. The PLL_DIVOUT value must be an even integer. To
maximize flexibility in sample-rate choice, MCLKINT must be nominally 12 or 24 MHz.
PLL_CAL_RATIO determines the operating point for the internal VCO. For most configurations, the default value gives
proper performance. However, to keep the VCO within range, some scenarios require PLL_CAL_RATIO to be set during
the PLL power-up sequence (see Section 4.4.3). Use Eq. 4-2 to calculate the proper VCO setting at PLL start-up:
The value of n in Eq. 4-2 is determined by the following:
• If the result is less than or equal to 151, by default, n equals 1.
• If the result is less than 151, use the result to determine the PLL_CAL_RATIO setting.
• If the result is greater than 151, select another divide factor of n configurations for SCLK (where n = 2,3, …). The result
must be between 50 and 151 (see the power-up sequence in Section 4.4.3.2). Use the same n value to multiply PLL_
DIVOUT during the power-up sequence; see Step 2 in Section 4.4.3.1. The functional value must be restored (Step 8).
The same is shown in both standard examples.
4.4.3.1 PLL Power-Up Sequence (Example: SCLK = 4.096 MHz and MCLKINT = 12.288 MHz)
In this example, SCLK = 4.096 MHz and MCLKINT = 12.288 MHz.
1. Set SCLK_PREDIV to Divide-by-1 Mode (0x00).
2. Set PLL_DIVOUT to Divide-by-16 Mode (0x10). This reflects a value of n = 1, because the PLL_CAL_RATIO
generated by Eq. 4-2 equals 96. See that the PLL_DIVOUT entry for this configuration in Table 4-4 used a
Divide-by-16 Mode (0x10).
3. Clear the three fractional factor registers, PLL_DIV_FRAC (see Section 7.5.2).
4. Set the integer factor, PLL_DIV_INT to 48 (0x30).
5. Set the PLL Mode multipliers, PLL_MODE to 11 to bypass both 500/512 and 1029/1024 factors (0x03).
6. Set the PLL_CAL_RATIO to 96 (0x60, see Section 7.5.5).
7. Turn on the PLL by setting PLL_START (see p. 71).
8. As part of a standard sequence, after at least 800
s, the PLL_DIVOUT value would need to restored to 16 (0x10),
which is unnecessary here because that value did not change.
26
1
11
0x39
0xAB 52B5
01
0x11
11.2896
111
1
1
11
0x3B
0x13 B13B
11
0x10
12
118
1
1
11
0x3B
0x13 B13B
01
0x10
12.288
121
1
1. If MCLK_SRC_SEL = 0, the PLL is bypassed and can be powered down by clearing PLL_START (see p. 71).
2. Refer to the register description for the decode.
3. The text following this table explains the use of PLL_DIVOUT, shown by the example configurations in Section 4.4.3.1 and Section 4.4.3.2.
4. The variable n represents the divide ratio. See Eq. 4-2.
Equation 4-1. Configuring SCLK, MCLKINT Configurations
MCLKINT =
SCLK
X
(PLL_DIV_INT + PLL_DIV_FRAC)
X
1
SCLK_PREDIV
(500/512 or 1029/1024 or 1)
PLL_DIVOUT
Equation 4-2. Calculating the PLL_CAL_RATIO
PLL_CAL_RATIO =
MCLKINT x 32 x SCLK_PREDIV
n xSCLK
Table 4-4. Common PLL Setting Examples (Cont.)
SCLK
(MHz)
MCLK_SRC_SEL
(see p. 64) 1
SCLK_PREDIV
(see p. 66) 2
PLL_DIV_INT
(see p. 72)
PLL_DIV_FRAC
(see p. 72) 2
PLL_MODE
(see p. 72)
PLL_DIVOUT
(see p. 72) 3
MCLKINT
(MHz)
PLL_CAL_RATIO
(see p. 72)
n [4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com