Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 17Page - Cirrus Logic CS43L36 Datasheet HTML 18Page - Cirrus Logic CS43L36 Datasheet HTML 19Page - Cirrus Logic CS43L36 Datasheet HTML 20Page - Cirrus Logic CS43L36 Datasheet HTML 21Page - Cirrus Logic CS43L36 Datasheet HTML 22Page - Cirrus Logic CS43L36 Datasheet HTML 23Page - Cirrus Logic CS43L36 Datasheet HTML 24Page - Cirrus Logic CS43L36 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
DS1081F3
21
CS43L36
4.1 Digital Volume Control
• Class H amplifier. The HP output amplifiers, described in Section 4.3, use a patented Cirrus Logic four-mode
Class H technology that maintains high performance and maximizes operating efficiency of a typical Class AB
amplifier.
• Clocking architecture. Described in Section 4.4, the clock for the device can be supplied internally from an
integrated fractional-N PLL using ASP_SCLK/ as the source clock or the internal PLL can be bypassed and derived
directly from the input pin.
• Serial port. The CS43L36 TDM/I2S (ASP) port is a highly configurable serial port. See Section 4.5.
The ASP can operate in TDM Mode, which includes full-duplex communication, flexible data structuring via control
port registers, clock slave mode, and higher bandwidth, enabling more data to be transferred to and from the device.
• Sample-rate converters (SRCs). SRCs, described in Section 4.6, are used to bridge different sample rates at the
serial ports within the digital-processing core. SRCs can be bypassed.
• Headset interface. This interface is described in Section 4.7.
• Power management. Several control registers provide independent power-down control of the analog and digital
sections of the CS43L36, allowing operation in select applications with minimal power consumption. Power
management considerations are described in Section 4.9.
• Control-port operation. The control port, described in Section 4.10, provides access to the registers for configuring
the DAC. The control port operation may be completely asynchronous with respect to the audio sample rates. To
avoid potential interference problems, control-port data pins must remain static if no operation is required.
• Resets. Section 4.11 describes the reset options—power-on reset (POR), asserting and RESET.
• Interrupts. The CS43L36 includes an open-drain interrupt output, INT. Interrupt mask registers control whether an
event associated with an interrupt status/mask bit pair triggers the assertion of INT. See Section 4.12.
4.1 Digital Volume Control
The internal stereo volume control is shown in Fig. 4-2. Each input can be attenuated via CHx_VOLy. Outputs are
available as a source for the DACs.
4.1.1
Attenuation Values
The volume control contains programmable attenuation blocks that are configured as described in the CHx_VOLy field
descriptions in Section 7.11.1—Section 7.11.2. For all settings except 0 dB, attenuation on the mixer input includes an
offset that increases as attenuation increases, as follows:
• For commonly used –6n dB (n
1, 2, etc.}) attenuation settings, the offset rounds the attenuation exactly to the
desired 1/2n factor (e.g., 20Log(1/2) = 6.021 dB, not 6.000 dB).
• For attenuation settings other than –6n dB, the always positive offset provides slightly more attenuation, giving
enough margin to avoid mixer clipping.
Figure 4-2. Digital Volume Control Subblocks
Volume Control
Output A
Output B
Serial Port A/SRC
Serial Port B/SRC
Attenuation
Attenuation
CHA_VOL on p. 76
CHB_VOL on p. 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com