Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 25Page - Cirrus Logic CS43L36 Datasheet HTML 26Page - Cirrus Logic CS43L36 Datasheet HTML 27Page - Cirrus Logic CS43L36 Datasheet HTML 28Page - Cirrus Logic CS43L36 Datasheet HTML 29Page - Cirrus Logic CS43L36 Datasheet HTML 30Page - Cirrus Logic CS43L36 Datasheet HTML 31Page - Cirrus Logic CS43L36 Datasheet HTML 32Page - Cirrus Logic CS43L36 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 89 page
background image
DS1081F3
29
CS43L36
4.4 Clocking Architecture
4.4.1
Start-Up Clocking Using the RC Oscillator (RCO)
At power on, an integrated low-power RCO, shown in Fig. 4-11, functions as the default clock for the digital core of the
CS43L36, during which time SCLK is unavailable. A reset event always returns it to running off of the RCO. If SCLK is
unavailable, RCO clocking must be used only for I2C functionality.
RCO is multiplexed with MCLKINT and fed to the I2C slave control port. The SCLK must become active and the RCO must
be disabled before data conversion.
Note the following:
• OSC_SW_SEL_STAT (see p. 63) indicates the status of the clock switching (in transition, RCO, or SCLK/PLL). With
the existing encoding, only one bit can physically change at a time, and the bit changing is always synchronous to
the clock that is currently selected.
• OSC_PDNB_STAT (see p. 63) indicates the RCO power-down status.
• SCLK_PRESENT is used to determine the internal MCLK source. See Section 7.2.4 for details.
The clock-switch state machine uses the transition of SCLK_PRESENT to both initiate switches between the selected
internal MCLK between the SCLK pin (SCLK_PRESENT = 1) or the internal RCO (SCLK_PRESENT = 0) and to send the
I2C stop condition that each switching event requires. During switching, a delay of at least 150
S is needed before
additional successful I2C communication can begin to use the new clocking source.
Notes:
• Muting the system is recommended when a new clock source is chosen.
• For normal operation, SCLK—not RCO—must be used (SCLK_PRESENT = 1) for running the ASP data path.
4.4.1.1 Switching from RCO
With SCLK running, an SCLK_PRESENT 0-to-1 transition starts a switch from the RCO to the selected SCLK or PLL. This
switch is superseded by any outstanding I2C transactions. After the I2C stop condition is sent, the transition begins, taking
150
s to complete, during which time the system requires that no new I2C transactions be initiated. The next I2C
transaction can begin after this 150-
s delay.
4.4.1.2 Switching to RCO
To stop SCLK, the system must revert to RCO clocking to ensure that I2C communications function properly. To power
the RCO back up, SCLK_PRESENT must be cleared before stopping SCLK. A 1-to-0 SCLK_PRESENT transition
generates a glitch-free mux switch timing from SCLK to RCO. SCLK must remain running during the transition and new
I2C transactions must not be initiated for at least 150
s after an I2C stop is received. The next I2C transaction cannot
begin until after this 150-
s delay.
Failure to account for this could cause communications to fail.
4.4.2
MCLKINT Sources
The MCLKINT source is supplied directly from ASP_SCLK input pin or from the fractional-N PLL. MCLKDIV must be set
according to the MCLKINT frequency, which must be set to either the 12-MHz region (11.2896–12.288 MHz) or the 24-MHz
region (22.5792–24.576 MHz). Table 4-4 shows several examples. Table 4-2 lists further restrictions.
MCLKINT is switched through internal glitchless clock muxing. Doing so during operation may cause audible artifacts, but
does not put the device into an unrecoverable state. Therefore, it is recommended to mute the system for at least 150
s.
Table 4-2. MCLKINT Source Restrictions
MCLKINT Source MCLK_SRC_SEL (see p. 64) MCLKDIV (see p. 64)
Nominal ASP_SCLK Pin Frequency
ASP_SCLK
0
0
12 MHz
1
24 MHz
Fractional-N PLL
1
0
12 MHz
1
24 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com