Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 30Page - Cirrus Logic CS43L36 Datasheet HTML 31Page - Cirrus Logic CS43L36 Datasheet HTML 32Page - Cirrus Logic CS43L36 Datasheet HTML 33Page - Cirrus Logic CS43L36 Datasheet HTML 34Page - Cirrus Logic CS43L36 Datasheet HTML 35Page - Cirrus Logic CS43L36 Datasheet HTML 36Page - Cirrus Logic CS43L36 Datasheet HTML 37Page - Cirrus Logic CS43L36 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
DS1081F3
34
CS43L36
4.5 Audio Serial Port (ASP)
4.4.3.4 Powering Down the PLL
To power down the PLL, clear PLL_START.
4.5 Audio Serial Port (ASP)
The CS43L36 has an ASP to communicate audio and voice data between system devices, such as application processors
and Bluetooth® transceivers. ASP_SCLK_EN (see p. 65) must be set whenever DAI is used. The ASP can be configured
to TDM, I2S, and left justified (LJ) audio interfaces.
Note: A maximum of two input channels are supported in TDM Mode.
4.5.1
Slave Mode Timing
The ASP can operate as a slave to another device’s timing, requiring ASP_SCLK and ASP_LRCK/FSYNC to be mastered
by the external device. If ASP_HYBRID_MODE is cleared (see p. 65), the serial port acts as a slave. If ASP_HYBRID_
MODE is set, the port is in Hybrid-Master Mode (see Section 4.5.2).
In Slave Mode, ASP_SCLK and ASP_LRCK are inputs. Although the CS43L36 does not generate interface timings in
Slave Mode, the expected LRCK and SCLK format must be programmed as it is in Hybrid-Master Mode. Table 4-8 shows
supported serial-port sample rate examples. Note that some rates require use of the PLL and/or SRC.
4.5.2
Hybrid-Master Mode Timing
In Hybrid-Master Mode, ASP_LRCK is derived from ASP_SCLK; the ASP_SCLK/ASP_LRCK ratio must be N x FS, where
N is a large enough integer to support the total number of bits per ASP_LRCK period for the audio stream to be transferred.
In either 50/50 Mode or I2S/LJ Mode, the ASP_SCLK/ASP_LRCK ratio must be NE xFS, where NE is an even integer.
The serial port generates an internal LRCK/FSYNC from an externally mastered ASP_SCLK, allowing single clock-source
mastering to the CS43L36. In Hybrid-Master Mode, the serial port must provide a left-right/frame sync signal (ASP_LRCK/
FSYNC) given an externally generated bit clock (ASP_SCLK).
Table 4-6 shows supported serial-port sample-rate examples. Other rates are possible, but the rules stipulated above must
be met. Note that some rates require use of the PLL or SRC.
Table 4-6. Supported Serial-Port Sample Rates
SCLK
Frequency (MHz)
Serial Port Sample Rate (kHz)
8.0 11.025 11.029 12
16 22.05 22.059 24
32
44.1 44.118 48 88.2 88.235 96 176.4 176.471 192
1.4112
—
x
—
—
—
x
—
—
—
x
—
—
x
—
—
x
—
—
2.8224
—
x
—
—
—
x
—
—
—
x
—
—
x
—
—
x
—
—
5.6448
—
x
—
—
—
x
—
—
—
x
—
—
x
—
—
x
—
—
11.2896
—
x
—
—
—x
——
—
x
—
—
x
—
—
x
—
—
22.5792
—
x
—
—
—
x
—
—
—
x
—
—
x
—
—
x
—
—
1.024
x
—
—
—
x
—
—
—
x
——
—
—
——
—
—
—
2.048
x
—
—
—
x
—
—
—
x
——
—
—
——
—
—
—
4.096
x
—
—
—
x
—
—
—
x
——
—
—
——
—
—
—
8.192
x
—
—
—
x
—
—
—
x
——
—
—
——
—
—
—
2
x
—
—
—
x
—
—
—
—
——
—
—
——
—
—
—
3x
—
x
x
—
—
x
x
—
—
x
—
—
x
—
—
x
—
4
x
—
—
—
x
—
—
—
x
——
—
—
——
—
—
—
6x
—
x
x
x
—
x
x
—
—
x
x
—
x
—
—
x
—
12
x
—
x
x
x
—
x
x
x
—
x
x
—
x
x
—
x
—
24
x
—
x
x
x
—
x
x
x
—
x
x
—
x
x
—
x
x
1.536
x
—
—
x
x
—
—
x
x
—
—
x
—
—
x
—
—
x
3.072
x
—
—
x
x
—
—
x
x
—
—
x
—
—
x
—
—
x
6.144
x
—
—
x
x
—
—
x
x
—
—
x
—
—
x
—
—
x
12.288
x
—
—
x
x
—
—
x
x
—
—
x
—
—
x
—
—
x
24.576
x
—
—
x
x
—
—
x
x
—
—
x
—
—
x
—
—
x
9.6
x
—
—
x
x
—
—
x
x
—
—
x
—
—
x
—
—
x
19.2
x
—
—
x
x
—
—
x
x
—
—
x
—
—
x
—
—
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com