Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 14Page - Cirrus Logic CS43L36 Datasheet HTML 15Page - Cirrus Logic CS43L36 Datasheet HTML 16Page - Cirrus Logic CS43L36 Datasheet HTML 17Page - Cirrus Logic CS43L36 Datasheet HTML 18Page - Cirrus Logic CS43L36 Datasheet HTML 19Page - Cirrus Logic CS43L36 Datasheet HTML 20Page - Cirrus Logic CS43L36 Datasheet HTML 21Page - Cirrus Logic CS43L36 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 89 page
background image
DS1081F3
18
CS43L36
3 Characteristics and Specifications
Fall time of SCL and SDA
Standard Mode
Fast Mode
Fast Mode Plus
tFC
—
—
—
300
300
120
ns
ns
ns
Setup time for stop condition
tSUSP
260
—
ns
SDA setup time to SCL rising
tSUD
50
—
ns
SDA input hold time from SCL falling 4
tHDDI
0—
ns
Output data valid (Data/Ack) 5
Standard Mode
Fast Mode
Fast Mode Plus
tVDDO
—
—
—
3450
900
450
ns
ns
ns
Bus free time between transmissions
tBUF
500
—
ns
SDA bus capacitance
Fast Mode Plus
Standard Mode, Fast Mode
CB
—
—
550
400
pF
pF
SCL/SDA pull-up resistance 1
VL = 1.2 V
VL = 1.8 V
RP
200
250
—
—
Switching time between RCO and PLL or SCLK 6
—
150
—
µs
1.The minimum RP value (see Fig. 2-1) is determined by using the maximum VL level, the minimum sink current strength of its respective output, and
the maximum low-level output voltage, VOL. The maximum RP value may be determined by how fast its associated signal must transition (e.g., the
lower the RP value, the faster the I2C bus can operate for a given bus load capacitance). See the I²C bus specification referenced in Section 13.
2.All timing is relative to thresholds specified in Table 3-14, VIL and VIH for input signals, and VOL and VOH for output signals.
3.I²C control-port timing
4.Data must be held long enough to bridge the SCL transition time, tF.
5.Time from falling edge of SCL until data output is valid.
6.The switch between RCO and either SCLK or PLL occurs upon setting/clearing SCLK_PRESENT (see p. 63) and sending the I2C stop condition.
An
SCLK_PRESENT transition (0 to 1 or 1 to 0) starts a
switch between RCO and the selected SCLK or PLL. An I2C stop condition is sent, after which
a wait time of at least 150
s is required before the next I2C transaction can begin using the newly selected clock.
Table 3-13. I2C Slave Port Characteristics (Cont.)
Test conditions (unless specified otherwise): Fig. 2-1 shows typical connections; Inputs: GNDA = GNDL = GNDCP = 0 V; all voltages with respect to
ground; min/max performance data taken with VL = 1.66–1.94 V (VL_SEL = VP) or VL = 1.1–1.3 V (VL_SEL = GNDD); inputs: Logic 0 = GNDA = 0 V,
Logic 1 = VL; TA = +25°C; SDA load capacitance equal to maximum value of CB = 400 pF; minimum SDA pull-up resistance, RP(min).1 Table 3-1
describes some parameters in detail. All specifications are valid for the signals at the pins of the CS43L36 with the specified load capacitance.
Parameter 2
Symbol 3
Minimum
Maximum
Unit
tBUF
tLOW
Stop
tHDDI
tSUD
tSUST
tRC
tHDST
tHIGH
tHDST
tFC
tSUSP
Start
Repeated
Start
Stop
SDA
SCL
tVDDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com