Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 10Page - Cirrus Logic CS43L36 Datasheet HTML 11Page - Cirrus Logic CS43L36 Datasheet HTML 12Page - Cirrus Logic CS43L36 Datasheet HTML 13Page - Cirrus Logic CS43L36 Datasheet HTML 14Page - Cirrus Logic CS43L36 Datasheet HTML 15Page - Cirrus Logic CS43L36 Datasheet HTML 16Page - Cirrus Logic CS43L36 Datasheet HTML 17Page - Cirrus Logic CS43L36 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
DS1081F3
14
CS43L36
3 Characteristics and Specifications
Table 3-7. Serial Data In-to-HPOUTx Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows CS43L36 connections; input test signal is a 24-bit full-scale 997-Hz sine wave with 1 LSB of triangular
PDF dither applied; GNDA = GNDL = GNDCP = 0 V; voltages are with respect to ground; parameters can vary with VA; typical performance data taken with VL =
VA = 1.8 V, VP = 3.6 V; min/max performance data taken with VA = 1.66–1.94 V; VL = 1.8 V, VP = 3.6 V; VCP Mode; TA = +25°C; measurement bandwidth is
20 Hz–20 kHz; ASP_LRCK = FsINT = 48-kHz mode; MCLK = 12 MHz, MCLK_SRC_SEL = 0; volume = 0 dB; FULL_SCALE_VOL = 0 (0dB); HP load: RL = 30 
CL = 1 nF (HPOUT_LOAD =0) and RL =3k CL = 10 nF (HPOUT_LOAD = 1)SRC bypassed.
Parameter 1
1.One LSB of triangular PDF dither is added to data.
Minimum Typical Maximum Unit
RL = 3 k
VP_CP Mode
Dynamic range
(defined in Table 3-1)
18–24 bit
A-weighted
unweighted
108
105
114
111
—
—
dB
dB
THD+N 2 (defined in Table 3-1)
2.Because VCP settings lower than VA reduce the HP amplifier headroom, the specified THD+N performance at full-scale output voltage and power
may not be achieved.
18–24 bit
16 bit
0 dB
–20 dB
–60 dB
0 dB
–20 dB
–60 dB
—
—
—
—
—
—
–90
–83
–51
–88
–73
–33
–84
—
–48
–82
—
–27
dB
dB
dB
dB
dB
dB
Idle channel noise (A-weighted)
—
2.0
—
µV
Full-scale output voltage 3
3.HP output test configuration. Symbolized component values are specified in the test
conditions above.
1.50•VA 1.58•VA 1.66•VA
VPP
RL = 30 
VP_CP Mode
Dynamic range (defined in Table 3-1)
18–24 bit
A-weighted
unweighted
108
105
114
111
—
—
dB
dB
THD+N 2 (defined in Table 3-1)
Pout = 10 mW
Pout = 35 mW
—
—
–98
–75
—
–69
dB
dB
Full-scale output voltage 3
1.50•VA 1.58•VA 1.66•VA
VPP
Output power 2
—
35.0
—
mW
RL = 15 
VCP Mode
(FULL_SCALE_
VOL=1 [–6dB])
Dynamic range (defined in Table 3-1)
18–24 bit
A-weighted
unweighted
102
99
108
105
—
—
dB
dB
THD+N 2 (defined in Table 3-1)
Pout = 17.3 mW
—
–75
–69
dB
Full-scale output voltage 3
0.71•VA 0.79•VA 0.86•VA
VPP
Output power 2
—
17.3
—
mW
RL = 15 
VP_CP Mode
Dynamic range
18–24 bit
A-weighted
unweighted
102
99
108
105
—
—
dB
dB
Other characteristics
(Table 3-1 gives
parameter definitions.)
Interchannel isolation 3 (3 k
)
217 Hz
1kHz
20 kHz
—
—
—
90
90
80
—
—
—
dB
dB
dB
Interchannel isolation 3 (30
)
217 Hz
1kHz
20 kHz
—
—
—
90
90
70
—
—
—
dB
dB
dB
Output offset voltage: mute 3,4 (ANA_MUTE_x = 1, see p. 76)
4.Assumes no external impedance on HSx/HSx_REF. External impedance on HSx/HSx_REF affects the offset and step deviation. See Section 4.2.1.
HPOUTx
—
±0.5
±1.0
mV
Output offset voltage 3,4
HPOUTx
—
±0.5
±2.5
mV
Load resistance (RL)
Normal operation 3
15
—
—
Load capacitance (CL) 3,5
5.Amplifier is guaranteed to be stable with either headphone load setting.
HPOUT_LOAD =0
HPOUT_LOAD = 1
—
—
—
—
1
10
nF
nF
Turn-on time 6
6.Turn-on time is measured from when the HP_PDN = 0 ACK signal is received to when the signal appears on the HP output. In most cases, enabling
the SRC increases the turn-on time and may exceed the maximum specified value.
SLOW_START_EN = 000
—
—
25
ms
Test Load
HPOUTx
CL
HSx/HSx_REF
RL
Measurement
Device
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com