Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 70Page - Cirrus Logic CS43L36 Datasheet HTML 71Page - Cirrus Logic CS43L36 Datasheet HTML 72Page - Cirrus Logic CS43L36 Datasheet HTML 73Page - Cirrus Logic CS43L36 Datasheet HTML 74Page - Cirrus Logic CS43L36 Datasheet HTML 75Page - Cirrus Logic CS43L36 Datasheet HTML 76Page - Cirrus Logic CS43L36 Datasheet HTML 77Page - Cirrus Logic CS43L36 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
DS1081F3
74
CS43L36
7.7 Headset Interface Registers
0
WAKEB_
CLEAR
WAKE output clear. Applicable only if WAKEB_MODE = 0 and an event triggers the WAKE output to latch low.
0 (Default) WAKE output normal operation. If WAKEB_MODE = 1, WAKEB_CLEAR does not deassert WAKE, but clears
TIP_SENSE_PLUG, TIP_SENSE_UNPLUG in the VP domain.
1WAKE output deasserted (the TIP_SENSE_PLUG, TIP_SENSE_UNPLUG bits in the VP domain are also cleared).
1.This bit can be changed only if LATCH_TO_VP is enabled (see p. 74).
7.7.2
Tip Sense Control 2
Address 0x1B73
R/W
7
6
5
432
10
TIP_SENSE_CTRL
TIP_SENSE_INV
—
TIP_SENSE_DEBOUNCE
Default
0
0
0
0
0
010
Bits
Name
Description
7:6
TIP_SENSE_
CTRL
Tip sense control.Configures operation of the tip-sense circuit.
Note: This bit can be updated only if LATCH_TO_VP (see p. 74) is enabled.
00 (Default) Disabled. The tip-sense circuit is powered down and does not report to the status registers (TIP_
SENSE_PLUG and TIP_SENSE_UNPLUG in the VP domain are also cleared).
01 Digital input. Internal weak current source pull-up is disabled.
10 Reserved
11 Short detect. Internal weak current source pull-up is enabled.
5TIP_SENSE_
INV
Tip sense invert. Used to invert the signal from the tip-sense circuit. Updatable only if LATCH_TO_VP is enabled.
0 (Default) Not inverted
1Inverted
4:2
—
Reserved
1:0
TIP_SENSE_
DEBOUNCE
Tip sense debounce time. Sets tip sense unplug event (TIP_SENSE = 0) debounce time before status is reported.
Timings are approximate and vary with MCLKINT and FsINT.
00 No debounce
01 200 ms
10 (Default) 500 ms
11 1000 ms
7.7.3
Mic Detect Control 1
Address 0x1B75
R/W
7
6
5432
10
LATCH_TO_VP EVENT_STATUS_SEL
—
Default
0
0
011
111
Bits
Name
Description
7LATCH_
TO_VP
Latch to VP registers. Controls the transfer of writable control registers in the VD_FILT supply domain to duplicate registers
in the VP supply domain. Can be used to enable setting sticky status bits in the VP domain.
0 (Default) Inhibits the transfer of VD_FILT registers to VP registers (latched mode). Enables the setting of VP sticky
status latches.
1 Transfers VD_FILT fields to VP fields (transparent mode). Disables setting of VP sticky status latches.
Affected registers:
• TIP_SENSE_CTRL on p. 74
• TIP_SENSE_INV on p. 74
• M_HP_WAKE on p. 73
• WAKEB_MODE p. 73
Note: The description of PDN_ALL on p. 62 describes the interdependency between LATCH_TO_VP and PDN_ALL.
6EVENT_
STATUS_
SEL
Event status selection. Selects the level of processing on readable status originating in the VP supply domain.
0 (Default) Raw (unprocessed) status events are selected.
1 Sticky processed status events are selected.
Affected registers:
• TIP_SENSE_PLUG on p. 68
• TIP_SENSE_UNPLUG on p. 68
•
5:0
—
Reserved
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com