Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 11Page - Cirrus Logic CS43L36 Datasheet HTML 12Page - Cirrus Logic CS43L36 Datasheet HTML 13Page - Cirrus Logic CS43L36 Datasheet HTML 14Page - Cirrus Logic CS43L36 Datasheet HTML 15Page - Cirrus Logic CS43L36 Datasheet HTML 16Page - Cirrus Logic CS43L36 Datasheet HTML 17Page - Cirrus Logic CS43L36 Datasheet HTML 18Page - Cirrus Logic CS43L36 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
DS1081F3
15
CS43L36
3 Characteristics and Specifications
Table 3-8. DC Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows CS43L36 connections; GNDA = GNDL = GNDCP = 0 V; voltages are with respect to ground;
VL = VCP = VA = 1.8 V, VP = 3.6 V; TA = +25°C.
Parameters
Minimum Typical Maximum Unit
VCP_FILT (No load
connected to HPOUTx.)
VP_CP Mode (ADPTPWR = 001)
+VCP_FILT
–VCP_FILT
—
—
2.6
–2.6
—
—
V
V
VCP Mode (ADPTPWR = 010)
+VCP_FILT
–VCP_FILT
—
—
VCP
–VCP
—
—
V
V
VCP/2 Mode (ADPTPWR = 011)
+VCP_FILT
–VCP_FILT
—
—
VCP/2
–VCP/2
—
—
V
V
VCP/3 Mode (ADPTPWR = 100)
+VCP_FILT
–VCP_FILT
—
—
VCP/3
–VCP/3
—
—
V
V
HS3 ground switch resistance (Typical values have ±25% tolerance.)
—0.5
—
Other DC filter
FILT+ voltage
—
VA
—
V
HP output current limiter on threshold. See Section 4.3.4. 1
1.The HP output current limiter threshold spec is valid only while the Class H rails are in VCP Mode.
80
115
160
mA
VD_FILT and VL power-on reset threshold (VPOR)Up
Down
—
—
0.777
0.628
—
—
V
V
HPOUT pull-down
resistance 2,3
2.Typical values have ±20% tolerance.
3.Clamp is disabled (HPOUT_CLAMP = 1) and channel is powered down (HPOUT_PDN = 1).
HPOUT_PULLDOWN = 0000–0111, 1100
HPOUT_PULLDOWN = 1001
HPOUT_PULLDOWN = 1010
—
—
—
0.9
9.3
5.8
—
—
—
k
k
k
Table 3-9. Power-Supply Rejection Ratio (PSRR) Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows CS43L36 connections; input test signal held low (all zero data); GNDA = GNDL = GNDCP
= 0 V; voltages are with respect to ground; VL = VA = 1.8 V, VP = 3.6 V; TA = +25°C.
Parameters 1
1.PSRR test configuration: Typical PSRR can vary by approximately 6 dB below
the indicated values.
Minimum Typical Maximum Unit
HPOUTx (–6-dB analog gain)
PSRR with 100-mVpp signal AC coupled to VA supply 2
2.No load connected to any analog outputs.
217 Hz
1kHz
20 kHz
—
—
—
75
75
70
—
—
—
dB
dB
dB
HPOUTx (–6-dB analog gain)
PSRR with 100-mVpp signal AC-coupled to VCP supply 2
217 Hz
1kHz
20 kHz
—
—
—
85
85
65
—
—
—
dB
dB
dB
HPOUTx (0-dB analog gain)
PSRR with 100-mVpp signal AC coupled to VP supply
217 Hz
1kHz
20 kHz
—
—
—
80
80
60
—
—
—
dB
dB
dB
Operational Amplifier
OUT
GND
Power DAC
OUT
GND
PWR
DUT
+5 V
+5 V
+
+–
–
+
–
OUT
Analog Generator
Analog Analyzer
Analog Test Equipment
Analog Output PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com