Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 57Page - Cirrus Logic CS43L36 Datasheet HTML 58Page - Cirrus Logic CS43L36 Datasheet HTML 59Page - Cirrus Logic CS43L36 Datasheet HTML 60Page - Cirrus Logic CS43L36 Datasheet HTML 61Page - Cirrus Logic CS43L36 Datasheet HTML 62Page - Cirrus Logic CS43L36 Datasheet HTML 63Page - Cirrus Logic CS43L36 Datasheet HTML 64Page - Cirrus Logic CS43L36 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
DS1081F3
61
CS43L36
7.1 Global Registers
7.1.7
Slow Start Enable
Address 0x100B
R/W
76543210
—
SLOW_START_EN
—
Default
01110000
Bits
Name
Description
7—
Reserved
6:4
SLOW_
START_EN
Slow startup enable. Selects between fast and slow start-up times. See Section 4.2.3 for details.
000 Disabled. Shortens start-up time of the volume control, DAC, and HP. Useful for high-definition audio applications.
111 (Default) Enabled
3:0
—
Reserved
7.1.8
I2C Debounce
Address 0x100E
R/W
765
4
321
0
I2C_SDA_DBNC_CNT
I2C_SDA_DBNC_EN
I2C_SCL_DBNC_CNT
I2C_SCL_DBNC_EN
Default
10
0
0
100
0
Bits
Name
Description
7:5
I2C_SDA_
DBNC_CNT
I2C debounce count. Number of MCLKs to debounce SDA input
Note: The I2C_SDA_DBNC_CNT and I2C_SCL_DBNC_CNT settings must be identical.
000 0 MCLKs
001 1 MCLK
010 2 MCLKs
011 3 MCLKs
100 (Default) 4 MCLKs
101 5 MCLKs
110 6 MCLKs
111 7 MCLKs
4
I2C_SDA_
DBNC_EN
I2C SDA debounce enable. SDA debounce enable
Note: The I2C_SDA_DBNC_EN and I2C_SCL_DBNC_EN settings must be identical.
0 (Default) Disabled. Must be 0 for Fast Mode or Fast-Mode Plus.
1 Enabled
3:1
I2C_SCL_
DBNC_CNT
I2C SCL debounce count. Number of MCLKs to debounce SCL input
Note: The I2C_SDA_DBNC_CNT and I2C_SCL_DBNC_CNT settings must be identical.
000 0 MCLKs
001 1 MCLK
010 2 MCLKs
011 3 MCLKs
100 (Default) 4 MCLKs
101 5 MCLKs
110 6 MCLKs
111 7 MCLKs
0
I2C_SCL_
DBNC_EN
I2C SCL debounce count enable.
Note: The settings of I2C_SDA_DBNC_EN and I2C_SCL_DBNC_EN must be identical.
0 (Default) Disabled. Must be 0 for Fast Mode or Fast-Plus Mode.
1 Enabled
7.1.9
I2C Stretch
Address 0x100F
R/W
765
43210
I2C_STRETCH
Default
00
000011
Bits
Name
Description
7:0
I2C_
STRETCH
I2C stretch. Number of additional MCLKs to clock stretch after the slave is ready
0000 0011 (Default) 3 MCLKs
7.1.10 I2C Timeout
Address 0x1010
R/W
76
5
4
3
2
1
0
MAS_I2C_NACK MAS_TO_DIS
MAS_TO_SEL
ACC_TO_DIS
ACC_TO_SEL
Default
1
0
1
1
0
111
Bits Name
Description
7MAS_
I2C_
NACK
APB master I2C NACK. Determines whether clock stretching or a NACK occurs if an APB access is attempted and I2C is not APB
master.
0I2C clock stretches if an APB access is attempted while I2C is not APB master.
1 (Default) I2C NACKs if APB access is attempted while I2C is not APB master.
6MAS_
TO_DIS
APB master access timeout disable
0 (Default) Enabled
1 Disabled
5:4
MAS_
TO_SEL
APB master access timeout select. Determines the timeout duration.
00 64 ms
01 128 ms
10 256 ms
11 (Default) 512 ms
3
ACC_
TO_DIS
APB access timeout disable.
0 (Default) Enabled
1 Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com