Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 63Page - Cirrus Logic CS43L36 Datasheet HTML 64Page - Cirrus Logic CS43L36 Datasheet HTML 65Page - Cirrus Logic CS43L36 Datasheet HTML 66Page - Cirrus Logic CS43L36 Datasheet HTML 67Page - Cirrus Logic CS43L36 Datasheet HTML 68Page - Cirrus Logic CS43L36 Datasheet HTML 69Page - Cirrus Logic CS43L36 Datasheet HTML 70Page - Cirrus Logic CS43L36 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
DS1081F3
67
CS43L36
7.4 Interrupt Registers
7.4 Interrupt Registers
7.4.1
Channel Overflow Interrupt Status
Address 0x1302
R/O
76
54
3
2
1
0
—
CHA_OVFL
CHB_OVFL
Default
00
00
x
x
x
x
Bits
Name
Description
7:2
—
Reserved
1
CHA_
OVFL
Channel overflow. Indicates the overrange status in the corresponding signal path. Rising-edge state transitions may cause
an interrupt, depending on the programming of the associated interrupt mask bit.
0 No digital clipping has occurred in the data path of the respective signal source.
1 Digital clipping has occurred in the data path of the respective signal source.
0
CHB_
OVFL
7.4.2
SRC Interrupt Status
Address 0x1303
R/O
76543210
—
SRC_IUNLK
—
SRC_ILK
Default
0000
xxxx
Bits
Name
Description
7:3
—
Reserved
2
SRC_IUNLK SRC unlock status. Indicates SRC unlock status for the input path. Status is valid only if serial-port LRCK is toggling.
0 Locked
1 Unlocked
1—
Reserved
0
SRC_ILK
SRC lock status. Indicates SRC lock status for the ASP input path. Status is valid only if serial-port LRCK is toggling.
0 Unlocked
1 Locked
7.4.3
ASP RX Interrupt Status
Address 0x1304
R/O
76
5
4
3
2
1
0
—
ASPRX_OVLD ASPRX_ERROR ASPRX_LATE ASPRX_EARLY ASPRX_NOLRCK
Default
00
0
x
x
x
x
x
Bits
Name
Description
7:5
—
Reserved
4ASPRX_
OVLD
ASP RX request overload. Set when too many input buffers request processing at once. 0No interrupt
1 Interrupt detected. ASP RX cannot retrieve data from the internal input buffers because at least one of the following
violations has occurred:
—The ASP RX core clock frequency is less than SCLK/8.
—The LRCK frame (non-50/50 Mode) or LRCK subframe (50/50 Mode) period is less than 16 SCLK periods (assuming
the ASP RX core clock frequency is equal to SCLK/8).
3ASPRX_
ERROR
ASP RX LRCK error. Logical OR of ASPRX_LATE and ASPRX_EARLY, described below.
0 No interrupt
1 Interrupt detected
2ASPRX_
LATE
ASP RX LRCK late. Determines whether the number of SCLK periods per LRCK phase (high or low) is greater than the
expected count, as determined by the FSYNC_PERIOD_xSB and FSYNC_PULSE_WIDTH_x fields.
0 No interrupt
1 Interrupt detected
1ASPRX_
EARLY
ASP RX LRCK early. Determines whether the number of SCLK periods per LRCK phase (high or low) is less than the expected
count, as determined by FSYNC_PERIOD_xSB (see p. 65) and FSYNC_PULSE_WIDTH_x (see p. 64).
0 No interrupt
1 Interrupt detected
0ASPRX_
NOLRCK
ASP RX no LRCK. Determines whether the SCLK periods counted exceeds twice the value of LRCK period (FSYNC_
PERIOD_xSB) without an LRCK edge.
0 No interrupt
1 Interrupt detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com