Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 2Page - Cirrus Logic CS43L36 Datasheet HTML 3Page - Cirrus Logic CS43L36 Datasheet HTML 4Page - Cirrus Logic CS43L36 Datasheet HTML 5Page - Cirrus Logic CS43L36 Datasheet HTML 6Page - Cirrus Logic CS43L36 Datasheet HTML 7Page - Cirrus Logic CS43L36 Datasheet HTML 8Page - Cirrus Logic CS43L36 Datasheet HTML 9Page - Cirrus Logic CS43L36 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
DS1081F3
6
CS43L36
1.3 Pin Descriptions
AD0
AD1
C3
B2
27
26
VL
I I2C Address Input. Address pins for I2C Instance ID
[1:0] input.
—
—
Hysteresis
on CMOS
input
Input
ASP_LRCK/
FSYNC
B5
35
VL
I/O ASP Left/Right Clock or Frame Sync. Left or right
word select, or frame start sync for the ASP interface.
—CMOS
output
Hysteresis
on CMOS
input
Input
ASP_SCLK
B4
34
VL
I ASP/ Serial Data Clock. Serial data-shift clock for
the ASP interface in I2S/TDM Mode. Source clock
used for internal master clock generation.
—
—
Hysteresis
on CMOS
input
Input
ASP_SDIN
A5
36
VL
I/O ASP Serial Data Input. Serial data input and output
in serial data input for the ASP interface in I2S/TDM
mode.
—CMOS
output
Hysteresis
on CMOS
input
Input
DIGLDO_PDN
D4
4
VP
I Digital LDO Power Down. Digital core logic LDO
power down.
—
—
Hysteresis
on CMOS
input
Input
INT
B7
2
VP
O Interrupt output. Programmable, open-drain,
active-low programmable interrupt output.
—CMOS
open-drain
output
—
Output
RESET
C5
1
VP
I Reset. Hardware reset.
—
—
Hysteresis
on CMOS
input
Input
SCL
A2
29
VL
I I2C Clock. Clock input for the I2C interface.
—
—
Hysteresis
on CMOS
input
Input
SDA
A1
28
VL
I/O I2C Input/Output. I2C input and output.
—
CMOS
open-drain
output
Hysteresis
on CMOS
input
Input
VL_SEL
C4
40
VP
I VL Supply Voltage Select. Select for VL power
supply voltage level. Connect to VP for 1.8-V VL
supply, connect to GNDD for 1.2-V VL supply
—
—
Hysteresis
on CMOS
input
Input
WAKE
C6
3
VP
O Wake up. Programmable, open-drain, active-low
output. This outputs the state of the Mic S0 or HP
wake detect.
—Hi-Z,
CMOS
open-drain
output
—
Output
–VCP_FILT
G6
13
VCP/
VP2
O Inverting Charge Pump Filter Connection. Power
supply for the inverting charge pump that provides
the negative rail for the HP amplifier.
——
—
—
+VCP_FILT
E6
10
VCP/
VP2
O Step Down Charge Pump Filter Connection.
Power supply for the step down charge pump that
provides the positive rail for the HP amplifier.
——
—
—
FLYC
F7
9
VCP/
VP2
O Charge Pump Cap Common Node. Common
positive node for the HP amplifiers’ step-down and
inverting charge pumps’ flying capacitors.
——
—
—
FLYN
G7
11
VCP/
VP2
O Charge Pump Cap Negative Node. Negative node
for the inverting charge pump’s flying capacitor.
——
—
—
FLYP
E7
8
VCP/
VP2
O Charge Pump Cap Positive Node. Positive node for
HP amps’ step-down charge pump’s flying capacitor.
——
—
—
FILT+
C1
24
VA
I Positive Voltage Reference. Positive reference
voltage for internal sampling circuits.
——
—
—
VA
B1
25
N/A
I Analog Power Supply. Power supply for the internal
analog section.
——
—
—
VCP
D6
7
N/A
I Charge Pump Power. Power supply for the internal
HP amplifiers charge pump.
——
—
—
VD_FILT
A7
39
N/A
I 1.2-V Digital Core Power Supply. Power supply for
internal digital logic.
——
—
—
VL
A3
31
N/A
I I/O Power Supply. Power supply for external
interface and internal digital logic.
——
—
—
Table 1-1. Pin Descriptions (Cont.)
Pin Name
CSP
Pin #
QFN
Pin #
Power
Supply
I/O
Pin Description
Internal
Connection1
Driver
Receiver
State at
Reset
Digital I/O
Charge Pump
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com