Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 22Page - Cirrus Logic CS43L36 Datasheet HTML 23Page - Cirrus Logic CS43L36 Datasheet HTML 24Page - Cirrus Logic CS43L36 Datasheet HTML 25Page - Cirrus Logic CS43L36 Datasheet HTML 26Page - Cirrus Logic CS43L36 Datasheet HTML 27Page - Cirrus Logic CS43L36 Datasheet HTML 28Page - Cirrus Logic CS43L36 Datasheet HTML 29Page - Cirrus Logic CS43L36 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
DS1081F3
26
CS43L36
4.3 Class H Amplifier
Figure 4-7. VCP_FILT Hysteresis—Headphone Output
4.3.3
Efficiency
As discussed in previous sections, amplifiers internal to the CS43L36 operate from one of four sets of rail voltages, based
on the needs of the signal being amplified. Fig. 4-8 and Fig. 4-9 show power curves for all modes of operation and provides
details regarding the power supplied to 15- and 30-
stereo loads versus the power drawn from the supply for each
Class H mode.
If rail voltages are set to ±2.5 V, the amplifiers operate in their least efficient mode for low-level signals. If they are held at
±VCP, ±VCP/2, or ±VCP/3, amplifiers operate more efficiently, but are clipped if required to amplify a full-scale signal.
The adapt-to-signal trace shows the benefit of four-mode Class H operation. At lower output levels, amplifier output is
represented by the ±VCP/3 or ±VCP/2 curve, depending on the signal level. At higher output levels, amplifier output is
represented by the ±VCP or ±2.5-V curve. The duration for which the amplifiers operate within any of the four curves
(±VCP/3, ±VCP/2, ±VCP, or ±2.5 V) depends on both the content and the output level of the material being amplified. The
highest efficiency operation results from maintaining an output level that is close to, without exceeding, the clip threshold
of the particular supply curve.
Note that the Adapt-to-Signal Mode trace in Fig. 4-8 shows that it never transitions to Mode 0, because FULL_SCALE_
VOL = 1 (–6 dB) due to a 15-
 stereo load.
Output Level
–14 dB
+VCP
5.5 s
Amplifier Rail
Voltage
Time
Time
+VCP
2
+VCP
3
5.5 s
–VCP
–VCP
2
–VCP
3
–10 dB
5.5 s
–4 dB
+2.5 V
–2.5 V
–4.5 dB
–10.5 dB
–14.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com