Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 41Page - Cirrus Logic CS43L36 Datasheet HTML 42Page - Cirrus Logic CS43L36 Datasheet HTML 43Page - Cirrus Logic CS43L36 Datasheet HTML 44Page - Cirrus Logic CS43L36 Datasheet HTML 45Page - Cirrus Logic CS43L36 Datasheet HTML 46Page - Cirrus Logic CS43L36 Datasheet HTML 47Page - Cirrus Logic CS43L36 Datasheet HTML 48Page - Cirrus Logic CS43L36 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
DS1081F3
45
CS43L36
4.10 Control-Port Operation
4.10 Control-Port Operation
Control-port registers are accessed through the I2C interface, allowing the DAC to be configured for the desired
operational modes and formats.
4.10.1 I2C Control-Port Operation
The I2C control port can operate completely asynchronously with the audio sample rates. However, to avoid interference
problems, the I2C control port pins must remain static if no operation is required.
The control port uses the I2C interface, with the DAC acting as a slave device. The I2C control port can operate in the
following modes, which are configured through the I2C debounce register in Section 7.1.9:
• Standard Mode (SM), with a bit rate of up to 100 kbit/s
• Fast Mode (FM), with a bit rate of up to 400 kbit/s
• Fast Mode Plus (FM+), with a bit rate of up to 1 Mbit/s.
Note: ASP_SCLK is not required to be on when the control port is accessed, for state machines affected by register
settings to advance.
SDA is a bidirectional data line. Data is clocked into and out of the CS43L36 by the SCL clock. Fig. 4-26–Fig. 4-29 show
signal timings for read and write cycles. A Start condition is defined as a falling transition of SDA while the clock is high.
A Stop condition is defined as a rising transition of SDA while the clock is high. All other SDA transitions occur while the
clock is low.
The register address space is partitioned into 8-bit page spaces that each comprise up to 127 8-bit registers. Address 0x00
of each page is reserved as the page indicator, PAGE. Writing to address 0x00 of any page changes the page pointer to
the address written to address 0x00.
To initiate a write to a particular register in the map, the page address, 0x00, must be written following the chip address.
Subsequent accesses to register addresses are treated as offsets from the page address written in the initial transaction.
To change the page address, initiate a write to address 0x00. To determine which page is active, read address 0x00.
Figure 4-26. Control-Port Timing, I2C Write of Page Address
The first byte sent to the CS43L36 after a Start condition consists of a 7-bit chip address field and a R/W bit (high for a
read, low for a write) in the LSB. To communicate with the CS43L36, the chip address field must match 1_0010, followed
by the state of the AD1 and AD0 pins.
Note: Because AD0 and AD1 logic states are latched at POR, dynamic addressing is not supported.
If the operation is a write, the next byte is the memory address pointer (MAP); the 7 LSBs of the MAP byte select the
address of the register to be read or written to next. The MSB of the MAP byte, INCR, selects whether autoincrementing
is to be used (INCR = 1), allowing successive reads or writes of consecutive registers.
Each byte is separated by an acknowledge (ACK) bit, which the CS43L36 outputs after each input byte is read and is input
to the CS43L36 from the microcontroller after each transmitted byte.
4
5
6
7
24 25 26 27
SCL
CHIP ADDRESS(WRITE)
MAP BYTE
DATA
START
STOP
ACK
SDA
7
6
1
0
0
1
2
3
8
9
12
16 17 18 19
10 11
13 14 15
SDA
Source
Master
Master
Master
Pullup
Slave
Slave
Master
Pullup
ACK
ACK
7
6
5
4
3
2
1
0
MAP Addr = 0
7
6
5
4
3
2
1
0
Slave
Addr = 10010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com