Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 5 Page - Cirrus Logic

  CS43L36 Datasheet HTML 1Page - Cirrus Logic CS43L36 Datasheet HTML 2Page - Cirrus Logic CS43L36 Datasheet HTML 3Page - Cirrus Logic CS43L36 Datasheet HTML 4Page - Cirrus Logic CS43L36 Datasheet HTML 5Page - Cirrus Logic CS43L36 Datasheet HTML 6Page - Cirrus Logic CS43L36 Datasheet HTML 7Page - Cirrus Logic CS43L36 Datasheet HTML 8Page - Cirrus Logic CS43L36 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
DS1081F3
5
CS43L36
1.2 QFN Pin Out (Through-Package View)
1.2 QFN Pin Out (Through-Package View)
1.3 Pin Descriptions
Figure 1-2. QFN Pin Diagram
Table 1-1. Pin Descriptions
Pin Name
CSP
Pin #
QFN
Pin #
Power
Supply
I/O
Pin Description
Internal
Connection1
Driver
Receiver
State at
Reset
HS3_REF
G4
17
VP
I Headset Connection Reference. Input to
pseudodifferential HP output reference
—
—
—
Input
HS3
G2
20
VP
I Headset Connections. Input to headset and
mic-button detection functions
—
—
—
Input
HPOUTA
HPOUTB
E5
G5
14
15
±VCP_
FILT
O Headphone Audio Output. Ground-centered audio
output.
——
—
—
HPSENSA
HPSENSB
D5
F5
—
—
±VCP_
FILT
I Headphone Audio Sense Input. Audio sense input.
WLCSP package only
——
—
Input
TIP_SENSE
E4
16
VP
I Tip Sense. Output can be set to wake the system.
Independently configurable to be debounced on plug
and unplug events.
—Hi-Z
—
—
29
30
28
27
26
25
24
23
22
21
2
1
3
4
5
6
7
8
9
10
Top-Down (Through Package ) View
40-Pin QFN Package
SDA
AD0
AD1
VA
FILT+
GNDA
GNDL
SCL
TSTO
GNDHS
RESET
INT
DIGLDO_PDN
TSTI
VP
VCP
FLYP
FLYC
+VCP_FILT
WAKE
Headphone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com