Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 19Page - Cirrus Logic CS43L36 Datasheet HTML 20Page - Cirrus Logic CS43L36 Datasheet HTML 21Page - Cirrus Logic CS43L36 Datasheet HTML 22Page - Cirrus Logic CS43L36 Datasheet HTML 23Page - Cirrus Logic CS43L36 Datasheet HTML 24Page - Cirrus Logic CS43L36 Datasheet HTML 25Page - Cirrus Logic CS43L36 Datasheet HTML 26Page - Cirrus Logic CS43L36 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 89 page
background image
DS1081F3
23
CS43L36
4.3 Class H Amplifier
2. Power down the HP block: HP_PDN = 1 (see p. 62).
3. Mute the analog outputs: ANA_MUTE_B = ANA_MUTE_A = 1 (see p. 76).
4. Disable the DAC high-pass filter: DAC_HPF_EN = 0 (see p. 76).
Note: Restore the previous setup after detection completes.
5. Set LATCH_TO_VP (see p. 74).
6. Set ADPTPWR = 100 (see p. 76).
7. Set the analog soft-ramp rate (ASR_RATE = 0111; see p. 60).
8. Set the digital soft-ramp rate (DSR_RATE; see p. 60) = 0001.
9. After load detection completes, ASR_RATE, DSR_RATE, ADPTPWR, and DAC_HPF_EN must be restored to
their previous values. See Section 4.3 for details.
After an HP-detect event, if HP_LD_EN is set (see p. 73), the CS43L36 proceeds to detect the resistance and capacitance
of the output load. A 24-kHz tone is output on HPOUTA, and HS3 is measured using an internal resistor bank as a
reference.
RLA_STAT (see p. 73) reports resistance-detection results for Channel A as follows:
• 00: 15

• 01: 30
• 10: 3 k
• 11: Reserved
If the typical output resistance of less than ~300
is indicated, a low-capacitance load is assumed. If the resistance is
greater than 300
 capacitance detection proceeds. After the detection sequence completes, HPLOAD_DET_DONE (see
p. 73) is set. The results of capacitor detection is reported in CLA_STAT (see p. 73). This result can be used to program
the value in HPOUT_LOAD(see p. 75), which determines the compensation of the headphone amplifier.
Notes:
• The HP path must be powered down before updating the HPOUT_LOAD setting and repowered afterwards.
• Low capacitance results were determined with CL = 1 nF; high capacitance results were determined with CL = 10 nF.
4.2.3
Slow Start Control
Volume control, DAC, and HP soft ramping is enabled through SLOW_START_EN (p. 61). If SLOW_START_EN = 111,
changes to DAC/HP volumes are applied slowly by stepping through each volume-control setting with a delay between
steps equal to an integer number of Fs periods. The delay between steps, which can vary from 1/Fs to 72/Fs periods, is
set via DSR_RATE and ASR_RATE (see p. 60).
If ramping is disabled, changes occur immediately with the clock edge.
4.3 Class H Amplifier
Fig. 4-5 shows the Class H operation.
Figure 4-5. Class H Operation
VCP
Class H Control
–VCP_FILT
–VCP
–VCP/2
–VCP/3
–2.5 V
+VCP_FILT
+VCP
+VCP/2
+VCP/3
+2.5 V
VP_CP
LDO Output
ADPTPWR on p. 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com