Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 53Page - Cirrus Logic CS43L36 Datasheet HTML 54Page - Cirrus Logic CS43L36 Datasheet HTML 55Page - Cirrus Logic CS43L36 Datasheet HTML 56Page - Cirrus Logic CS43L36 Datasheet HTML 57Page - Cirrus Logic CS43L36 Datasheet HTML 58Page - Cirrus Logic CS43L36 Datasheet HTML 59Page - Cirrus Logic CS43L36 Datasheet HTML 60Page - Cirrus Logic CS43L36 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
DS1081F3
57
CS43L36
6.8 DAC Registers
6.8 DAC Registers
6.9 HP Control Registers
6.10 Class H Registers
6.11 Mixer Volume Registers
0x78
Reserved
—
xxxx
xxxx
0x79
Detect Interrupt
Mask 1
—M_TIP_
SENSE_PLUG
M_TIP_
SENSE_
UNPLUG
—
p. 75
11
100000
0x7A–0x7F Reserved
—
xxxx
xxxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x1F—DAC Registers
Address
Function
7
6
543210
0x00
Control Port Page
PAGE
00
011111
0x01
DAC Control 1
—
DACB_INV
DACA_INV
p. 75
00
000000
0x02–0x05 Reserved
—
xxxx
xxxx
0x06
DAC Control 2
HPOUT_PULLDOWN
HPOUT_LOAD
HPOUT_
CLAMP
DAC_HPF_EN
—
p. 75
00
000010
0x07–0x7F Reserved
—
xxxx
xxxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x20—HP Control Registers
Address
Function
7
6
5
4
3
2
1
0
0x00
Control Port Page
PAGE
0
0
1
000
00
0x01
HP Control
—
ANA_MUTE_B ANA_MUTE_A FULL_SCALE_
VOL
—
p. 76
0
0
0
011
01
0x02–0x7F Reserved
—
0
0
0
000
00
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x21—Class H Registers
Address
Function
7
6
5
4
3
2
1
0
0x00
Control Port Page
PAGE
0
0
1
000
01
0x01
Class H Control
—
ADPTPWR
p. 76
0
0
0
001
11
0x02–0x7F Reserved
—
xx
xx
xx
xx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x23—Mixer Volume Registers
Address
Function
7
6
543210
0x00
Control Port Page
PAGE
00
100011
0x01
Channel A Input
Volume
—
CHA_VOL
p. 76
00
111111
0x02
Reserved
—
xxxx
xxxx
0x03
Channel B Input
Volume
—
CHB_VOL
p. 77
00
111111
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x1B—Headset Interface Registers
Address
Function
7
6
543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com