Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 88 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 88 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 81Page - Cirrus Logic CS43L36 Datasheet HTML 82Page - Cirrus Logic CS43L36 Datasheet HTML 83Page - Cirrus Logic CS43L36 Datasheet HTML 84Page - Cirrus Logic CS43L36 Datasheet HTML 85Page - Cirrus Logic CS43L36 Datasheet HTML 86Page - Cirrus Logic CS43L36 Datasheet HTML 87Page - Cirrus Logic CS43L36 Datasheet HTML 88Page - Cirrus Logic CS43L36 Datasheet HTML 89Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 88 / 89 page
background image
DS1081F3
88
CS43L36
11 Thermal Characteristics
11 Thermal Characteristics
12 Ordering Information
13 References
• NXP Semiconductors, UM10204 Rev. 06, April 2014, The I2C-Bus Specification and User Manual, http://
www.nxp.com
• JEDEC Solid State Technology Association, Guidelines for Reporting and Using Electronic Package Thermal
Information, JEDEC Standard No. 51-12.01, November 2012, http://www.jedec.org/
Table 11-1. Typical JEDEC Four-Layer, 2s2p Board Thermal Characteristics
Parameter 1
1.Thermal setup:
Still air @ maximum allowed ambient temperature
JEDEC 2s2p printed wiring board (JEDEC Standard JESD51-11, June 2001)
Size: 114.5 x 101.5 x 1.6 mm
Symbol
QFN
WLCSP
Unit
Junction-to-ambient thermal resistance
JA
35.0
52.0
°C/W
Junction-to-board thermal resistance
JB
9.0
17.8
°C/W
Junction-to-case thermal resistance
JC
0.98
0.15
°C/W
Junction-to-board thermal-characterization parameter
JB
8.9
17.7
°C/W
Junction-to-package-top thermal-characterization parameter
JT
0.19
0.04
°C/W
Table 12-1. Ordering Information1
1.The Revision ID fields in Section 7.1.1, “Revision ID,” list the alpha (AREVID) and metal (MTLREVID) revision
Product
Description
Package
RoHS
Compliant
Grade
Temperature
Range
Container
Order #
CS43L36 Low-Power,
High-Performance
Audio DAC with
Class H
Headphone Drivers
40-pin QFN
Yes
Extended
Commercial
–40 to +85°C
Tape and reel
CS43L36-CNZR
Tray
CS43L36-CNZ
49-ball
WLCSP
Yes
Extended
Commercial
–40 to +85°C
Tape and reel
CS43L36-CWZR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com