Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 29Page - Cirrus Logic CS43L36 Datasheet HTML 30Page - Cirrus Logic CS43L36 Datasheet HTML 31Page - Cirrus Logic CS43L36 Datasheet HTML 32Page - Cirrus Logic CS43L36 Datasheet HTML 33Page - Cirrus Logic CS43L36 Datasheet HTML 34Page - Cirrus Logic CS43L36 Datasheet HTML 35Page - Cirrus Logic CS43L36 Datasheet HTML 36Page - Cirrus Logic CS43L36 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
DS1081F3
33
CS43L36
4.4 Clocking Architecture
4.4.3.2 PLL Power-Up Sequence (Example: SCLK = 12 MHz and MCLKINT = 24MHz)
In this example, SCLK = 12 MHz and MCLKINT =24MHz.
1. Set SCLK_PREDIV to Divide-by-4 Mode (0x02).
2. Set PLL_DIVOUT to Divide-by-16 Mode (0x10). This reflects a value of n = 2, because the PLL_CAL_RATIO
generated by Eq. 4-2 was greater than 151. See that the PLL_DIVOUT entry for this configuration in Table 4-4
used a Divide-by-8 Mode (0x08).
3. Clear the three fractional factor registers, PLL_DIV_FRAC.
4. Set the integer factor, PLL_DIV_INT to 64 (0x40).
5. Set the PLL mode multipliers, PLL_MODE to 11 to bypass both 500/512 and 1029/1024 factors (0x03).
6. Set the PLL_CAL_RATIO to 128 (0x80).
7. Turn on the PLL by setting PLL_START.
8. After at least 800
s, the PLL_DIVOUT value must be restored from 16 to 8 (0x08).
4.4.3.3 Nonstandard PLL Setting (Example: SCLK = 19.2 MHz and MCLKINT = 12 MHz)
In this example, SCLK = 19.2 MHz and MCLKINT = 12 MHz. (Note that a power-up sequence similar to Section 4.4.3.2 is
required for this configuration due to n =1.)
• SCLK = 19.2 MHz = available reference clock.
•MCLKINT = 12 MHz = desired internal MCLK.
• SCLK_PREDIV = 11 = divide SCLK by 8 as reference to PLL.
• PLL_DIV_INT = 0x50 = multiply reference clock by 80, yielding PLL out = 192 MHz.
• PLL_DIV_FRAC = 0x00 0000 = fractional portion equal to zero.
• PLL_MODE = 11 = 500/512 and 1029/1024 multipliers are bypassed.
• PLL_DIVOUT = 0x10 = divide PLL out by 16 to achieve MCLKINT of 12 MHz.
Table 4-5 shows nonstandard PLL configurations.
As shown in Fig. 4-13, the input to the PLL is the ASP_SCLK input pin.
Table 4-5. Nonstandard PLL Settings
SCLK
(MHz)
MCLK_SRC_SEL
(see p. 64)
SCLK_PREDIV
(see p. 66)
PLL_DIV_INT
(see p. 72)
PLL_DIV_FRAC
(see p. 72)
PLL_MODE
(see p. 72)
PLL_DIVOUT
(see p. 72)
MCLKINT
(MHz)
PLL_CAL_RATIO
(see p. 72)
n [1]
9.6
1
10
0x6E
0x40 0000
01
0x18
11.2896
75
1
1
10
0x50
0x00 0000
11
0x10
12
80
1
1
10
0x50
0x00 0000
01
0x10
12.288
82
1
1
10
0x6E
0x400000
01
0x0C
22.5792
150
1
1
10
0x50
0x00 0000
11
0x08
24
80
2
1
10
0x50
0x00 0000
01
0x08
24.576
82
2
19.2
1
11
0x6E
0x40 0000
01
0x18
11.2896
150
1
1
11
0x50
0x00 0000
11
0x10
12
80
2
1
11
0x50
0x00 0000
01
0x10
12.288
82
2
1
11
0x6E
0x40 0000
01
0x0C
22.5792
150
2
1
11
0x50
0x00 0000
11
0x08
24
107
3
1
11
0x50
0x00 0000
01
0x08
24.576
109
3
1. The variable n represents the divide ratio. See Eq. 4-2.
Figure 4-13. Clocking Architecture
ASP_SCLK
Fractional-N
PLL
MCLKINT
VA
(+1.8 V)
PLL_START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com