Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 60Page - Cirrus Logic CS43L36 Datasheet HTML 61Page - Cirrus Logic CS43L36 Datasheet HTML 62Page - Cirrus Logic CS43L36 Datasheet HTML 63Page - Cirrus Logic CS43L36 Datasheet HTML 64Page - Cirrus Logic CS43L36 Datasheet HTML 65Page - Cirrus Logic CS43L36 Datasheet HTML 66Page - Cirrus Logic CS43L36 Datasheet HTML 67Page - Cirrus Logic CS43L36 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
DS1081F3
64
CS43L36
7.3 Clocking Registers
7.3 Clocking Registers
7.2.7
Tip Sense Indicator Status
Address 0x1115
R/O
7654321
0
—
TS_UNPLUG_
DBNC
TS_PLUG_
DBNC
—
Default
0000
x
x
x
x
Bits
Name
Description
7:4
—
Reserved
3TS_
UNPLUG_
DBNC
Tip sense unplug debounce status. See Section 4.8.3 for details. Setting TS_INV reverses the meaning of this bit.
0 Condition is not present.
1 Condition is present.
2TS_PLUG_
DBNC
Tip sense plug debounce status. See Section 4.8.3 for details. Setting TS_INV reverses the meaning of this bit.
0 Condition is not present.
1 Condition is present.
1:0
—
Reserved
7.3.1
MCLK Source Select
Address 0x1201
R/W
7654
321
0
—
MCLKDIV
MCLK_SRC_SEL
Default
00
00000
0
Bits
Name
Description
7:2
—
Reserved
1
MCLKDIV Master clock divide ratio. Selects the divide ratio between the selected MCLK source and the MCLKINT. Section 4.4.2 lists
supported MCLK rates and their associated programming settings.
0 (Default) Divide by 1 (source MCLKINT = ~12 MHz).
1 Divide by 2 (source MCLKINT = ~24 MHz)
Note: Change this field only if PDN_ALL = 1.
0MCLK_
SRC_
SEL
Master clock source select. Selects the internal master clock source. For programming details and examples, see Section 4.4.
0 (Default) SCLK pin
1PLL clock
7.3.2
FSYNC Pulse Width, Lower Byte
Address 0x1203
R/W
76543210
FSYNC_PULSE_WIDTH_LB
Default
000000
00
Bits
Name
Description
7:0
FSYNC_
PULSE_
WIDTH_
LB
FSYNC pulse width LB. FSYNC_PULSE_WIDTH_UB | FSYNC_PULSE_WIDTH_LB provides an 11-bit field to set the duty
cycle of LRCK in Hybrid-Master Mode. These combined value forms an integer number of SCLK periods within an LRCK
frame that governs the LRCK high time. See Section 4.5.2 for usage details and Section 5 for a programming example. The
value must be 1 less than the desired width of the LRCK pulse, measured in SCLK counts, as illustrated by the value below.
FSYNC_PULSE_WIDTH_UB | FSYNC_PULSE_WIDTH_LB yield the following setting value:
000 0000 0000 (Default) LRCK is one SCLK wide.
7.3.3
FSYNC Pulse Width, Upper Byte
Address 0x1204
R/W
76543210
—
FSYNC_PULSE_WIDTH_UB
Default
000000
00
Bits
Name
Description
7:3
—
Reserved
2:0
FSYNC_PULSE_
WIDTH_UB
FSYNC pulse width UB. See description for FSYNC_PULSE_WIDTH_LB in Section 7.3.2.
000 (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com