Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 13Page - Cirrus Logic CS43L36 Datasheet HTML 14Page - Cirrus Logic CS43L36 Datasheet HTML 15Page - Cirrus Logic CS43L36 Datasheet HTML 16Page - Cirrus Logic CS43L36 Datasheet HTML 17Page - Cirrus Logic CS43L36 Datasheet HTML 18Page - Cirrus Logic CS43L36 Datasheet HTML 19Page - Cirrus Logic CS43L36 Datasheet HTML 20Page - Cirrus Logic CS43L36 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
DS1081F3
17
CS43L36
3 Characteristics and Specifications
Table 3-12. Digital Audio Interface Timing Characteristics
Test conditions (unless specified otherwise): GNDA = GNDL = GNDCP = 0 V; all voltages with respect to ground; values are for both VL = 1.2 and 1.8 V;
inputs: Logic 0 = GNDL = 0 V, Logic 1 = VL; TA = +25°C; CLOAD = 30 pF (for VL = 1.2 V) and 60 pF (for VL = 1.8 V); input timings are measured at VIL
and VIH thresholds; output timings are measured at VOL and VOH thresholds (see Table 3-14); ASP_TX_HIZ_DLY = 00.
Parameters 12,3
1.Output clock frequencies follow SCLK frequency proportionally. Deviation of the bit-clock source from nominal supported rates is directly imparted to
the output clock rate by the same factor (e.g., +100-ppm offset in the frequency of SCLK becomes a +100-ppm offset in MCLK and LRCK).
2.I2S interface timing
3.TDM interface timing
Symbol
Minimum Typical Maximum Unit
ASP_SCLK frequency 4
4.SCLK is mastered from an external device. The external device is expected to maintain SCLK timing specifications.
fSCLK
0.973 [5]
5.SCLK operation below 2.8224 MHz may result in degraded performance.
—25.81
MHz
SCLK high period 4
tHI:SCLK
18.5
—
—
ns
SCLK low period 4
tLO:SCLK
18.5
—
—
ns
SCLK duty cycle 4
—45
—
55
%
Hybrid-
Master
Mode
FSYNC/LRCK frame rate
—
0.99
—
1.01
Fs
LRCK duty cycle
—
45
—
55
%
FSYNC high period 6
6.Maximum LRCK duty cycle is equal to frame length, in SCLK periods, minus 1. Maximum duty cycle occurs when LRCK_HI is set to 511 SCLK
periods and LRCK period is set to 512 SCLK periods.
tHI:FSYNC
1/fSCLK
—
(n–1)/fSCLK
s
FSYNC/LRCK delay time after SCLK launching edge 7
7.Data is latched on the rising or falling edge of SCLK, as determined by ASP_SCPOL_IN_x and ASP_FSD (See Section 7.3.6 and Section 7.3.7).
VL = 1.8 V
VL = 1.2 V
tD:CLK–LRCK
0
0
—
—
15
17
ns
ns
SDIN setup time before SCLK latching edge 7
tSU:SDI
10
—
—
ns
SDIN hold time after SCLK latching edge 7
tH:SDI
5—
—
ns
Slave
Mode
FSYNC/LRCK frame rate
—
0.99
—
1.01
Fs
FSYNC/LRCK duty cycle
—
45
—
55
%
FSYNC/LRCK setup time before SCLK latching edge 7
tSU:LRCK
10
—
—
ns
FSYNC/LRCK hold time after SCLK latching edge 7
tH:LRCK
5—
—
ns
SDIN hold time after SCLK latching edge 7
tH:SDI
5—
—
ns
FSYNC/LRCK duty cycle
—
45
—
55
%
Table 3-13. I2C Slave Port Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows typical connections; Inputs: GNDA = GNDL = GNDCP = 0 V; all voltages with respect to
ground; min/max performance data taken with VL = 1.66–1.94 V (VL_SEL = VP) or VL = 1.1–1.3 V (VL_SEL = GNDD); inputs: Logic 0 = GNDA = 0 V,
Logic 1 = VL; TA = +25°C; SDA load capacitance equal to maximum value of CB = 400 pF; minimum SDA pull-up resistance, RP(min).1 Table 3-1
describes some parameters in detail. All specifications are valid for the signals at the pins of the CS43L36 with the specified load capacitance.
Parameter 2
Symbol 3
Minimum
Maximum
Unit
SCL clock frequency
fSCL
—1000
kHz
Clock low time
tLOW
500
—
ns
Clock high time
tHIGH
260
—
ns
Start condition hold time (before first clock pulse)
tHDST
260
—
ns
Setup time for repeated start
tSUST
260
—
ns
Rise time of SCL and SDA
Standard Mode
Fast Mode
Fast Mode Plus
tRC
—
—
—
1000
300
120
ns
ns
ns
SCLK
SDIN
tSU:SDI
tH:SDI
LRCK
1/fSCLK
tSU:LRCLK
tD:CLK‐LRCLK
tH:LRCLK
tHI:SCLK
tLO:SCLK
SCLK
SDIN
tSU:SDI
tH:SDI
LRCK/FSYNC
tD:CLK-FSYNC
1/fSCLK
Don’t Care
Frame location 0
Frame location N-1
1/Fs
...
...
...
fSCLK = N ∙ Fs
tSU:FSYNC
tH:FSYNC
tHI:FSYNC
tLO:SCLK
tHI:SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com