Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 40Page - Cirrus Logic CS43L36 Datasheet HTML 41Page - Cirrus Logic CS43L36 Datasheet HTML 42Page - Cirrus Logic CS43L36 Datasheet HTML 43Page - Cirrus Logic CS43L36 Datasheet HTML 44Page - Cirrus Logic CS43L36 Datasheet HTML 45Page - Cirrus Logic CS43L36 Datasheet HTML 46Page - Cirrus Logic CS43L36 Datasheet HTML 47Page - Cirrus Logic CS43L36 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
DS1081F3
44
CS43L36
4.9 Power-Supply Considerations
The following describes the VP monitor behavior with respect to the voltage level:
• If VP drops below 3.0 V, TIP_SENSE performance may be compromised.
• If VP drops below 2.6 V, the VPMON_TRIP status bit is set (see p. 68). An interrupt is triggered if M_VPMON_
TRIP = 0 (see p. 71). This bit must be unmasked/enabled only if VP is above the detection-voltage threshold. It must
be masked/disabled by default to eliminate erroneous interrupts while VP is ramping or is known to be below the
threshold voltage.
• A brown-out condition remains until VP returns to a voltage level above 3.0 V.
• The VP monitor circuit becomes unreliable at VP levels below 2.4 V.
• The VP monitor is intended to detect slow transitioning signals about the 2.6-V threshold. Pulses of short duration
are filtered by the monitor and may not trigger at the 2.6-V threshold, but at a value much lower than expected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com