Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 84 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 84 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 80Page - Cirrus Logic CS43L36 Datasheet HTML 81Page - Cirrus Logic CS43L36 Datasheet HTML 82Page - Cirrus Logic CS43L36 Datasheet HTML 83Page - Cirrus Logic CS43L36 Datasheet HTML 84Page - Cirrus Logic CS43L36 Datasheet HTML 85Page - Cirrus Logic CS43L36 Datasheet HTML 86Page - Cirrus Logic CS43L36 Datasheet HTML 87Page - Cirrus Logic CS43L36 Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
DS1081F3
84
CS43L36
9.1 Digital Filter Response
9.1.3
DAC to HP, Fsint = 48.000 kHz, MCLK = 125 x LRCK
Figure 9-7. Passband—DAC, Fsint = 48.000 kHz
Figure 9-8. Stopband—DAC, Fsint = 48.000 kHz
Figure 9-9. Transition Band—DAC, Fsint = 48.000 kHz
Figure 9-10. Transition Band (Detail)—DAC,
Fsint = 48.000 kHz
Figure 9-11. Phase Response—DAC, Fsint = 48.000 kHz
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−5
−4
−3
−2
−1
0
1
2
Frequency (Normalised to Fs)
0
0.5
1
1.5
2
2.5
3
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Frequency (Normalised to Fs)
0.4
0.42
0.44
0.46
0.48
0.5
0.52
0.54
0.56
0.58
0.6
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Frequency (Normalised to Fs)
0.45
0.46
0.47
0.48
0.49
0.5
0.51
0.52
0.53
0.54
0.55
−40
−35
−30
−25
−20
−15
−10
−5
0
Frequency (Normalised to Fs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−700
−600
−500
−400
−300
−200
−100
0
Frequency Normalised to Fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com