Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 45Page - Cirrus Logic CS43L36 Datasheet HTML 46Page - Cirrus Logic CS43L36 Datasheet HTML 47Page - Cirrus Logic CS43L36 Datasheet HTML 48Page - Cirrus Logic CS43L36 Datasheet HTML 49Page - Cirrus Logic CS43L36 Datasheet HTML 50Page - Cirrus Logic CS43L36 Datasheet HTML 51Page - Cirrus Logic CS43L36 Datasheet HTML 52Page - Cirrus Logic CS43L36 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
DS1081F3
49
CS43L36
5.1 Power-Up Sequence
3
Power up the DAC.
Power Down Control 2. 0x1102
0x83
Reserved
DISCHARGE_FILT+
SRC_PDN_OVERRIDE
Reserved
DAC_SRC_PDNB
Reserved
100
0
0
0
1
1
—
FILT+ is not clamped to ground.
SRC is powered up.
—
DAC SRC is powered up.
—
4
Configure the device’s ASP and ASP SRC.
4.1 Configure switch
from RCO to SCLK.
Oscillator Switch Control. 0x1107
0x01
Reserved
SCLK_PRESENT
0000 000
1
—
SCLK is present.
4.2 Power down the
RCO.
Oscillator Switch Status. 0x1109
0x01
Reserved
OSC_PDNB_STAT
OSC_SW_SEL_STAT
0000 0
0
01
—
RCO powered down
RCO selected for internal MCLK
4.3 Configure device’s
internal sample rate
with the applied
MCLK signal.
MCLK Control. 0x1009
0x02
Reserved
INTERNAL_FS
Reserved
0000 00
1
0
—
Internal sample rate is MCLK/256= 48 kHz.
—
4.4 Select MCLK
source.
MCLK Source Select. 0x1201
0x00
Reserved
MCLKDIV
MCLK_SRC_SEL
0000 00
0
0
—
Divide by 1.
SCLK pin is MCLK source.
4.5 Configure the
FSYNC period.
FSYNC Period, Lower Byte. 0x1205
0xFF
FSYNC_PERIOD_LB
1111 1111 256 SCLKs per LRCK lower byte.
4.6 Configure the
FSYNC period.
FSYNC Period, Upper Byte. 0x1206
0x00
FSYNC_PERIOD_UB
0000 0000 0 SCLKs per LRCK upper byte
4.7 Configure FSYNC
pulse width.
FSYNC Pulse Width, Lower Byte. 0x1203
0x1F
FSYNC_PULSE_WIDTH_LB
0001 1111 LRCK is one SCLK Wide.
4.8 Configure the ASP
clock.
ASP Clock Configuration 1. 0x1207
0x00
Reserved
ASP_SCLK_EN
ASP_HYBRID_MODE
Reserved
ASP_SCPOL_IN_DAC
ASP_LCPOL_OUT
ASP_LCPOL_IN
00
0
0
0
0
0
0
—
ASP SCLK disabled.
LRCK is an input from an external source.
—
SCLK input drive polarity for DAC is normal.
LRCK output drive polarity is normal.
LRCK input polarity (pad to logic) is normal.
4.9 Configure the ASP
frame.
ASP Frame Configuration. 0x1208
0x10
Reserved
ASP_STP
ASP_5050
ASP_FSD
000
1
0
000
—
Frame begins when LRCK transitions low to high
LRCK duty cycle per FSYNC_PULSE_WIDTH_LB/UB
Zero SCLK frame start delay
4.10Configure serial port
receive channel
positions.
Serial Port Receive Channel Select. 0x2501
0x04
Reserved
SP_RX_CHB_SEL
SP_RX_CHA_SEL
0000
01
00
—
SP RX Channel B position is 1.
SP RX Channel A position is 0.
4.11Set receive sample
rate.
Serial Port Receive Sample Rate. 0x2503
0x8C
Reserved
SP_RX_FS
100
0 1100
—
SP receive sample rate = 48 kHz.
4.12Configure the SRC
sample rate
detection.
SRC Input Sample Rate. 0x2601
0x20
Reserved
SRC_SDIN_FS
0010
0000
—
ASP sample rate is autodetected.
4.13Configure Channel 2
size to 24 bits per
sample.
ASP Receive DAI0 Channel 2 Phase and Resolution.
0x2A05
0x02
Reserved
ASP_RX0_CH2_AP
Reserved
ASP_RX_CH2_RES
0
0
00 00
10
—
In 50/50 mode, channel data valid if LRCK is low.
—
Size is 24 bits per sample.
4.14Configure location of
the Channel 2 MSB
with respect to SOF.
ASP Receive DAI0 Channel 2 Bit Start MSB. 0x2A06
0x00
Reserved
ASP_RX0_CH2_BIT_ST_MSB
0000 000
0
—
ASP receive bit start MSB = 0.
4.15Configure location of
the Channel 2 LSB
with respect to SOF.
ASP Receive DAI0 Channel 2 Bit Start LSB. 0x2A07
0x18
ASP_RX0_CH2_BIT_ST_LSB
0001 1000 ASP transmit bit start LSB = 24.
Example 5-1. Power-Up Sequence (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com