Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 6Page - Cirrus Logic CS43L36 Datasheet HTML 7Page - Cirrus Logic CS43L36 Datasheet HTML 8Page - Cirrus Logic CS43L36 Datasheet HTML 9Page - Cirrus Logic CS43L36 Datasheet HTML 10Page - Cirrus Logic CS43L36 Datasheet HTML 11Page - Cirrus Logic CS43L36 Datasheet HTML 12Page - Cirrus Logic CS43L36 Datasheet HTML 13Page - Cirrus Logic CS43L36 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
DS1081F3
10
CS43L36
2 Typical Connections
2 Typical Connections
Figure 2-1. Typical Connection Diagram
Notes:
1. RP_I and RP_W values can be determined by the INT and WAKE pin specifications in Table 3-14.
2. HPSENSA and HPSENSB are supported only on the WLCSP package.
3. RP_I2C values can be determined by the I2C pull-up resistance specification in Table 3-13.
4. The headphone amplifier’s output power and distortion ratings use the nominal capacitances shown. Larger capacitance reduces ripple on
the internal amplifiers’ supplies and, in turn, reduces distortion at high-output power levels. Smaller capacitance may not reduce ripple
enough to achieve output power and distortion ratings. Because actual values of typical X7R/X5R ceramic capacitors deviate from nominal
values by a percentage specified in the manufacturer’s data sheet, capacitors must be selected for minimum output power and maximum
distortion required. Higher value capacitors than those shown may be used, however lower value capacitors must not (values can vary from
the nominal by ±20%). See Section 2.1.2 for additional details.
5. Series resistance in the path of the power supplies must be avoided. Any voltage drop on VCP directly affects the negative charge-pump
supply (–VCP_FILT) and clips the audio output.
6. Lowering capacitance below the value shown affects PSRR, THD+N performance, and interchannel isolation and intermodulation.
VA
2.2 µF
*
FLYC
FLYN
2.2 µF
FLYP
2.2 µF
*
*
+VCP_FILT
–VCP_FILT
2.2 µF
2.2 µF
GNDCP
**
All external passive component
values shown are nominal.
Key for Capacitor Types Required:
*
Use low ESR, X7R/X5R capacitors
** Use C0G or NPO capacitors
If no type symbol is shown next to a
capacitor, any type may be used.
FILT+
10 µF
*
VP
4.7 µF
*
ASP_LRCK/FSYNC
ASP_SCLK
ASP_SDIN
GNDA
SDA
SCL
WAKE
INT
VL
RESET
VCP
VD_FILT
See
DIGLDO_PDN
and VL_SEL
Configurations
DIGLDO_PDN
AD0
GNDL
AD1
2.2 µF
*
VL_SEL
GNDD
TIP_SENSE
HS3
Headset Connector
Headphone
Output Filter
HS3_REF
GNDHS
To External
Microphone Input
and Bias Circuitry
(AFE/PGA + ADC)
DIGLDO_PDN and VL_SEL Configurations
DIGLDO_PDN = 0 (GNDD)
VL
VD_FILT
1 µF
*
1.8 V
DIGLDO_PDN
0.1 µF
*
1.2 V
VL_SEL
Battery
(VP = 3.0 to 5.0V)
VL_SEL = 1 (3.0 to 5.0 V)
DIGLDO_PDN = 0 (GNDD)
VL
VD_FILT
1 µF
*
1.2 V
DIGLDO_PDN
0.1 µF
*
VL_SEL
VL_SEL = 0 (GNDD)
DIGLDO_PDN = 1 (3.0 to 5.0 V)
VL
VD_FILT
DIGLDO_PDN
0.1 µF
*
1.8 V
VL_SEL = 1 (3.0 to 5.0 V)
VL_SEL
Battery
(VP = 3.0 to 5.0V)
TSTI
TSTO
X
RP_I
RP_I2C
RP_W
Applications
Processor
PMU
Battery
(3.0–5.0 V)
1.8 V
1.8 V/1.2 V
VL or VP
VL or VP
HPOUTB
HPOUTA
HPSENSB
HPSENSA
CS43L36
Note 1
Note 4
Note 5
Note 6
Note 1
Note 3
Note: The headset GND
connection must be made
via the HS3 and HS3_REF
connections and not to the
PCB GND.
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com