Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 39Page - Cirrus Logic CS43L36 Datasheet HTML 40Page - Cirrus Logic CS43L36 Datasheet HTML 41Page - Cirrus Logic CS43L36 Datasheet HTML 42Page - Cirrus Logic CS43L36 Datasheet HTML 43Page - Cirrus Logic CS43L36 Datasheet HTML 44Page - Cirrus Logic CS43L36 Datasheet HTML 45Page - Cirrus Logic CS43L36 Datasheet HTML 46Page - Cirrus Logic CS43L36 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
DS1081F3
43
CS43L36
4.9 Power-Supply Considerations
Table 4-11 describes the plug/unplug status.
4.9 Power-Supply Considerations
Because some power supply combinations can produce unwanted system behavior, note the following:
• Control-port transactions can occur 1 ms after VP, VD_FILT, VCP, and VL exceed the minimum operating voltage.
• If VP supply is off, it is recommended that all other supplies are also off. VP must be the first supply turned on.
• RESET must be asserted until VP is valid.
• If VD_FILT is supplied externally (DIGLDO_PDN = GND), VL must be supplied before VD_FILT, VA, VL, and VCP
can come up in any order. Due to the VD_FILT POR, VD_FILT must be turned off before VA, VL, or VCP are turned
off; otherwise, current could be drawn from supplies that remain on.
Table 4-12 shows the maximum current for each supply when VP is on, but other supplies are on or off (all clocks are off
and all registers are set to default values, i.e., reset).
Table 4-13 shows requirements and available features for valid power-supply configurations.
4.9.1
VP Monitor
The CS43L36 voltage comparator monitors the VP power supply for potential brown-out conditions due to power-supply
overload or other fault conditions. To perform according to specifications, VP is expected to remain above 3.0 V at all
times. The VP monitor is enabled by setting VPMON_PDNB (see p. 63). Fig. 4-25 shows the behavior of the VP monitor.
Figure 4-25. VP Monitor
Table 4-11. Tip Plug/Unplug Status
Plug Status
Unplug Status
Interpretation
0
0
Tip is fully unplugged/not present
10
Reserved
0
1
Tip connection is in a transitional state
1
1
Tip is fully plugged/present
Table 4-12. Typical Leakage Current during Nonoperational Supply States (with VP Powered On)
Supply
Current (µA)
Notes
VCP
VA
VL
IVp
IVCP
IVA
IVL
Off
On
Off
14
0
0
0
VA may source or sink current
Off
On
On
25
0
0
328
VA may source or sink current
On
Off
Off
14
0
0
0
—
On
Off
On
25
0
0
328
—
On
On
Off
14
0
0
0
VA may source or sink current
On
On
On
25
0
0
328
—
Notes:
• Values shown reflect typical voltage and temperature. Leakage current may vary by orders of magnitude across the maximum
and minimum recommended operating supply voltages and temperatures listed in Table 3-2.
• Test conditions: Clock/data lines are held low, RESET is held high, and all registers are set to their default values.
Table 4-13. Valid Power-Supply Configurations
Configuration
Notes
On: VP
Off: VD_FILT = VCP = VL = VA
Limited set of headset plug-detect and WAKE output features, see Section 4.7 and Section 4.8.
On: VP = VL
Off: VD_FILT = VCP = VA = OFF
Limited set of headset plug-detect and WAKE output features, see Section 4.7 and Section 4.8.
Digital I/O ESD diodes are powered to prevent conduction in pin-sharing applications.
On: VP = VD_FILT = VCP = VL = VA
Full chip functionality
VPMON_TRIP
2.6 V
3.0 V
3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com