Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 2 Page - Cirrus Logic

  CS43L36 Datasheet HTML 1Page - Cirrus Logic CS43L36 Datasheet HTML 2Page - Cirrus Logic CS43L36 Datasheet HTML 3Page - Cirrus Logic CS43L36 Datasheet HTML 4Page - Cirrus Logic CS43L36 Datasheet HTML 5Page - Cirrus Logic CS43L36 Datasheet HTML 6Page - Cirrus Logic CS43L36 Datasheet HTML 7Page - Cirrus Logic CS43L36 Datasheet HTML 8Page - Cirrus Logic CS43L36 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
DS1081F3
2
CS43L36
General Description
The CS43L36 is a low-power, high dynamic-range, stereo audio DAC with integrated I2S/I2C/TDM interfaces designed for
portable applications. The CS43L36 features support for up to 32-bit audio inputs and includes bypassable SRCs.
The bypassable fractional-N PLL sourced from the ASP SCLK allows for maximum flexibility in any system.
There is independent attenuation on each input along with volume adjustment and mute control.
The CS43L36 is available in 49-ball WLCSP package and a 40-pin QFN package, both supporting an extended
commercial operational temperature range of –40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com