Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 72Page - Cirrus Logic CS43L36 Datasheet HTML 73Page - Cirrus Logic CS43L36 Datasheet HTML 74Page - Cirrus Logic CS43L36 Datasheet HTML 75Page - Cirrus Logic CS43L36 Datasheet HTML 76Page - Cirrus Logic CS43L36 Datasheet HTML 77Page - Cirrus Logic CS43L36 Datasheet HTML 78Page - Cirrus Logic CS43L36 Datasheet HTML 79Page - Cirrus Logic CS43L36 Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
DS1081F3
76
CS43L36
7.9 HP Control Register
7.9 HP Control Register
7.10 Class H Register
7.11 Volume Control
2HPOUT_
CLAMP
HPOUT clamp. Configures an override of the HPOUT clamp to ground when the channels are powered down.
0 (Default) Clamp to ground when channels are powered down.
1 Clamp is disabled when the channels are powered down. The pulldown to GNDA depends on the HPOUT_
PULLDOWN setting.
1DAC_HPF_
EN
DAC high-pass filter enable. Configures the internal HPF before DAC. Changes to this bit must be made only if PDN_
ALL = 1. See Section 4.2 for details.
0 Disabled. This must be cleared only for test purposes.
1 (Default) Enabled. The corner frequency is set to 0.935 Hz when FsINT =48kHz.
0—
Reserved
7.9.1
HP Control
Address 0x2001
R/W
7
654
32
1
0
—
ANA_MUTE_B ANA_MUTE_A FULL_SCALE_VOL
—
Default
00
00
1
1
0
1
Bits
Name
Description
7:4
—
Reserved
3
ANA_MUTE_
B
Analog mute Channel B. See Section 4.2 for details.
0 Unmuted
1 (Default) Muted
2
ANA_MUTE_
A
Analog mute Channel A. See Section 4.2 for details.
0 Unmuted
1 (Default) Muted
1
FULL_
SCALE_VOL
Full-scale volume. Determines the maximum volume for the headphone output.
See Section 4.2 for details.
0 (Default) 0 dB
1 –6 dB. This setting is recommended if the load is approximately 15
.
0—
Reserved
7.10.1 Class H Control
Address 0x2101
R/W
765
43210
—ADPTPWR
Default
00
000111
Bits
Name
Description
7:3
—
Reserved
2:0 ADPTPWR Adaptive power adjustment. Configures how power to HP output amplifiers adapts to the output signal level. Section 4.2
gives detailed descriptions of supported settings.
000 Reserved
001 Fixed, Mode 0—VP_CP Mode (±2.5V)
010 Fixed, Mode 1—VCP Mode (±VCP)
011 Fixed, Mode 2 —VCP/2 Mode (±VCP/2)
100 Fixed, Mode 3 —VCP/3 Mode (±VCP/3)
101–110 Reserved
111 (Default) Adapt to signal. The output signal dynamically determines
the voltage level.
7.11.1 Channel A Input Volume
Address 0x2301
R/W
76543210
—
CHA_VOL
Default
001111
11
Bits
Name
Description
7:6
—
Reserved
5:0
CHA_
VOL
Input attenuation. Sets the attenuation level to be applied to various stereo digital inputs. See Section 4.1 for details. Each input
can be muted or attenuated from –62 to 0 dB in 1-dB steps.
00 0000 0 dB
00 0001 –1.0 dB …
11 1110 –62.0 dB
11 1111 (Default) Mute.
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com