Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 52Page - Cirrus Logic CS43L36 Datasheet HTML 53Page - Cirrus Logic CS43L36 Datasheet HTML 54Page - Cirrus Logic CS43L36 Datasheet HTML 55Page - Cirrus Logic CS43L36 Datasheet HTML 56Page - Cirrus Logic CS43L36 Datasheet HTML 57Page - Cirrus Logic CS43L36 Datasheet HTML 58Page - Cirrus Logic CS43L36 Datasheet HTML 59Page - Cirrus Logic CS43L36 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
DS1081F3
56
CS43L36
6.6 HP Load Detect Registers
6.6 HP Load Detect Registers
6.7 Headset Interface Registers
0x08
PLL Control 3
PLL_DIVOUT
p. 72
00
010000
0x09
Reserved
—
xxxx
xxxx
0x0A
PLL Calibration Ratio
PLL_CAL_RATIO
p. 72
10
000000
0x0B–0x1A Reserved
—
xxxx
xxxx
0x1B
PLL Control 4
—
PLL_MODE
p. 72
00
000011
0x1C–0x7F Reserved
—
xxxx
xxxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x19—HP Load Detect Registers
Address
Function
7
6
543210
0x00
Control Port Page
PAGE
00
011001
0x01–0x24 Reserved
—
xxxx
xxx
x
0x25
Load Detect R/C
Status (Read Only)
—
CLA_STAT
—
RLA_STAT
p. 73
00
000000
0x26
HP Load Detect Done
(Read Only)
—
HPLOAD_
DET_DONE
p. 73
00
000000
0x27
HP Load Detect
Enable
—
HP_LD_EN
p. 73
00
000000
0x28–0x7F Reserved
—
xxxx
xxxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x1B—Headset Interface Registers
Address
Function
7
6
543210
0x00
Control Port Page
PAGE
00
011011
0x01–0x6F Reserved
—
xxxx
xxxx
0x70
Reserved
—
xxxx
xxxx
0x71
Wake Control
—
M_HP_W
AKE
WAKEB_
MODE
—
WAKEB_
CLEAR
p. 73
11
000000
0x72
Reserved
—
xxxx
xxxx
0x73
Tip Sense Control
TIP_SENSE_CTRL
TIP_SENSE_
INV
—
TIP_SENSE_DEBOUNCE
p. 74
00
000010
0x74
Reserved
—
xxxx
xxxx
0x75
Mic Detect Control 1
LATCH_TO_
VP
EVENT_
STATUS_SEL
—
p. 74
00
011111
0x76
Reserved
—
xxxx
xxxx
0x77
Detect Status 1 (Read
Only)
TIP_SENSE
—
p. 75
xx
0
x
xxxx
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x15—Fractional-N PLL Registers
Address
Function
7
6
543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com