Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 26Page - Cirrus Logic CS43L36 Datasheet HTML 27Page - Cirrus Logic CS43L36 Datasheet HTML 28Page - Cirrus Logic CS43L36 Datasheet HTML 29Page - Cirrus Logic CS43L36 Datasheet HTML 30Page - Cirrus Logic CS43L36 Datasheet HTML 31Page - Cirrus Logic CS43L36 Datasheet HTML 32Page - Cirrus Logic CS43L36 Datasheet HTML 33Page - Cirrus Logic CS43L36 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
DS1081F3
30
CS43L36
4.4 Clocking Architecture
If MCLKINT is sourced from the PLL, on-the-fly frequency changes to the source may cause the PLL to go out of phase
lock with the clock source. To reduce the risk of audible artifacts, it is recommended to mute the system first. Any
necessary configuration changes based on the new clock source frequency must occur before unmuting the system.
Figure 4-12. MCLK INT Source Switching
For proper internal Fs clocking, the INTERNAL_FS and MCLKDIV bits must be configured, as shown in Table 4-2.
Note: The control-port frequency is equal to the MCLKINT frequency.
4.4.3
Fractional-N PLL
The CS43L36 has an integrated fractional-N PLL to support the clocking requirements of the internal analog circuits and
converters. This PLL can be enabled or bypassed to suit system-clocking needs. The input reference clock for the PLL is
the ASP_SCLK input pin. The reference clock frequency must be between 2.8224 and 25 MHz.
The PLL can be configured for a wide range of combinations of SCLK and MCLKINT. PLL_REF_INV (see p. 66) can be
used to invert the PLL reference clock. Table 4-4 lists common settings.
Table 4-3. Determining FsINT
MCLKINT (MHz) MCLKDIV (see p. 64 INTERNAL_FS (see p. 60) Resulting FsINT (kHz)
11.2896
0
1
44.1
12
0
0
48
12.288
0
1
48
22.5792
1
1
44.1
24
1
0
48
24.576
1
1
48
Table 4-4. Common PLL Setting Examples
SCLK
(MHz)
MCLK_SRC_SEL
(see p. 64) 1
SCLK_PREDIV
(see p. 66) 2
PLL_DIV_INT
(see p. 72)
PLL_DIV_FRAC
(see p. 72) 2
PLL_MODE
(see p. 72)
PLL_DIVOUT
(see p. 72) 3
MCLKINT
(MHz)
PLL_CAL_RATIO
(see p. 72)
n [4]
1.024
1
00
0xAC
0x44 0000
01
0x10
11.2896
118
3
1
00
0xBB
0x80 0000
11
0x10
12
125
3
1
00
0xC0
0x00 0000
11
0x10
12.288
128
3
1.536
1
00
0x72
0xD8 0000
01
0x10
11.2896
118
2
1
00
0x7D
0x00 0000
11
0x10
12
125
2
1
00
0x80
0x00 0000
11
0x10
12.288
128
2
1
00
0x7D
0x00 0000
11
0x08
24
125
4
1
00
0x80
0x00 0000
11
0x08
24.576
128
4
2.048
1
00
0x56
0x22 0000
01
0x10
11.2896
88
2
1
00
0x5D
0xC0 0000
11
0x10
12
94
2
1
00
0x60
0x00 0000
11
0x10
12.288
96
2
2.8224
1
00
0x40
0x00 0000
11
0x10
11.2896
128
1
1
00
0x40
0x00 0000
11
0x08
22.5792
128
2
3
1
00
0x3C
0x36 1134
11
0x10
11.2896
120
1
1
00
0x40
0x00 0000
11
0x10
12
128
1
1
00
0x40
0x00 0000
01
0x10
12.288
131
1
1
00
0x40
0x00 0000
11
0x08
24
128
2
1
00
0x40
0x00 0000
01
0x08
24.576
131
2
3.072
1
00
0x39
0x6C 0000
01
0x10
11.2896
118
1
1
00
0x3E
0x80 0000
11
0x10
12
125
1
1
00
0x40
0x00 0000
11
0x10
12.288
128
1
1
00
0x3E
0x80 0000
11
0x08
24
125
2
1
00
0x40
0x00 0000
11
0x08
24.576
128
2
MCLK
1
0
Internal MCLK
Fractional-N PLL
0 = Div by 1
1 = Div by 2
0 = Div by 250
1 = Div by 256
FSINT
MCLK_SRC_SEL p. 64
MCLKDIV p. 64
INTERNAL_FS p. 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com