Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 77 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 77 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 73Page - Cirrus Logic CS43L36 Datasheet HTML 74Page - Cirrus Logic CS43L36 Datasheet HTML 75Page - Cirrus Logic CS43L36 Datasheet HTML 76Page - Cirrus Logic CS43L36 Datasheet HTML 77Page - Cirrus Logic CS43L36 Datasheet HTML 78Page - Cirrus Logic CS43L36 Datasheet HTML 79Page - Cirrus Logic CS43L36 Datasheet HTML 80Page - Cirrus Logic CS43L36 Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 89 page
background image
DS1081F3
77
CS43L36
7.12 AudioPort Interface Registers
7.12 AudioPort Interface Registers
7.11.2 Channel B Input Volume
Address 0x2303
R/W
76543210
—
CHB_VOL
Default
001111
11
Bits
Name
Description
7:6
—
Reserved
5:0
CHB_
VOL
Input attenuation. Sets the attenuation level to be applied to various stereo digital inputs. See Section 4.1 for details. Each
input can be muted or attenuated from –62 to 0 dB in 1-dB steps.
00 0000 0 dB
00 0001 –1.0 dB …
11 1110 –62.0 dB
11 1111 (Default) Mute.
7.12.1 Serial Port Receive Channel Select
Address 0x2501
R/W
765432
1
0
—
SP_RX_CHB_SEL
SP_RX_CHA_SEL
Default
000001
0
0
Bits
Name
Description
7:4
—
Reserved
3:2
SP_RX_
CHB_SEL
SP RX Channel B select for DAI0. Selects right input channel. See Section 5 for programming examples.
00 Channel 0
01 (Default) Channel 1
10 Channel 2
11 Channel 3
1:0
SP_RX_
CHA_SEL
SP RX Channel A select for DAI0. Selects right input channel.
00 (Default) Channel 0
01 Channel 1
10 Channel 2
11 Channel 3
7.12.2 Serial Port Receive Isochronous Control
Address 0x2502
R/W
76
54
3
2
1
0
—
SP_RX_RSYNC
SP_RX_NSB_POS
SP_RX_NFS_NSBB
SP_RX_ISOC_MODE
Default
000
00
1
0
0
Bits
Name
Description
7—
Reserved
6SP_RX_
RSYNC
Serial port receive synchronization.
0 (Default) Normal state
1 Recenter the FIFO. No read and writes when asserted
5:3
SP_RX_
NSB_
POS
Serial-port receive null-sample bit position. Selects the position of the null byte in the resultant 16-, 24-, or 32-bit sample.
For all samples, if SP_RX_ISOC_MODE ≠ 00, SP_RX_NFS_NSBB = 0, the following applies:
• For a 16-bit sample (8-bit audio + null byte), [23:16] is the null byte.
• For a 24-bit sample (16-bit audio + null byte), [15:8] is the null byte.
• For a 32-bit sample (24-bit audio + null byte), [7:0] is the null byte.
Note: NSB Mode does not support 32-bit audio samples.
The ASP_RXn_CHn_RES fields in Section 7.14 set the output resolution of the ASP receive channel samples.
Clearing SP_RX_NSB_POS indicates that Bit 0 must be zero for the sample to be classified as a null.
000 (Default) 0 … 111 7
2SP_RX_
NFS_
NSBB
Serial-port receive NSB/NFS Mode select.
0 NSB Mode valid only if SP_RX_ISOC_MODE ≠ 00.
1 (Default) NFS Mode
1:0
SP_RX_
ISOC_
MODE
Serial port receive isochronous mode. Selecting an isochronous mode allows for null removal. The ASP Rx rate bits (SP_RX_
FS, see p. 78) are used only to help the device determine when to insert nulls.
00 (Default) Native mode
01 48k isochronous stream
10 96k isochronous stream
11 192k isochronous stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com