Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 12Page - Cirrus Logic CS43L36 Datasheet HTML 13Page - Cirrus Logic CS43L36 Datasheet HTML 14Page - Cirrus Logic CS43L36 Datasheet HTML 15Page - Cirrus Logic CS43L36 Datasheet HTML 16Page - Cirrus Logic CS43L36 Datasheet HTML 17Page - Cirrus Logic CS43L36 Datasheet HTML 18Page - Cirrus Logic CS43L36 Datasheet HTML 19Page - Cirrus Logic CS43L36 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
DS1081F3
16
CS43L36
3 Characteristics and Specifications
Figure 3-1. Power Consumption Test Configuration
‘
Table 3-10. Power Consumption
Test conditions (unless specified otherwise): Fig. 2-1 shows CS43L36 connections; GNDA = GNDL = GNDCP = 0 V; voltages are with respect to ground;
performance data taken with VA = VCP = VL = 1.8 V; DIGLDO_PDN is deasserted; VP = 3.6 V; TA = +25°C; ASP_LRCK = 48-kHz Mode; FsINT = 48 kHz;
SCLK = 12 MHz, MCLK_SRC_SEL = 0; volume= 0 dB; FULL_SCALE_VOL = 1 (–6 dB) for HPOUTx, TIP_SENSE_CTRL = 11, all other fields are set to
defaults; no signal on any input; control port inactive; input clock/data are held low when not required; test load is RL = 30  and CL = 1 nF for HPOUTx;
measured values include currents consumed by the DAC and do not include current delivered to external loads unless specified otherwise (e.g., HPOUTx);
see Fig. 3-1.
Use Cases
ClassH
Mode
Typical Current (µA)
Total Power
(µW)
iVA
iVCP
iVL
iVP
1
A Off 1
1.Off configuration: Clock/data lines held low; RESET = LOW; VA = VL = VCP = 0 V; VP = 3.6 V.
—
0
0
0
3.1
11.16
2
A Standby 2,3
2.Standby configuration: Clock/data lines held low; VA = VL = VCP = 0 V; VP = 3.6 V; M_HP_WAKE = 0 (unmasked).
3.SCLK_PRESENT = 1.
—
0
0
0
20
72.0
3
A Standby (RCO Mode) 4,5
4.SCLK_PRESENT = 0 (RCO clocking).
5.Standby configuration (RCO clocking): Clock/data lines held low; VA = 0 V; VL = 1.8 V, VCP = 0 V, VP = 3.6 V; M_HP_WAKE = 0 (unmasked).
—
0
0
343
31
729
4
A Playback
Stereo HPOUT (no signal, HPOUT_LOAD = 0) VCP/3
1413
1204
858
58
6464
B
Stereo HPOUT (0.1 mW, HPOUT_LOAD = 0) VCP/3
1441
2336
965
58
8744
Table 3-11. Register Field Settings
Use
Cases
Register Fields and Settings
Class H Mode
p. 23
1
A —
—
—
—
2
A
1
—
—
—
3
A
1
—
—
—
4
A
0
0
0
VCP/3
B
0
0
0
VCP/3
Note: The current draw on the VA, VCP, and VL
power supply pins is derived from the measured
voltage drop across a 10-
 series resistor between
the associated supply source and each voltage
supply pin. Given the larger currents that are
possible on the VP supply, an ammeter is used for
the measurement.
Voltmeter
–
+
DAC
+
–
10
–
+
DAC
+
–
10
Power Supply
Ammeter
VA
GNDA/GNDCP/
GNDL/GND
0.1 µF
VP
4.7 µF
0.1 µF
VL
DUT
0.1 µF
–
+
DAC
+
–
10
0.1 µF
VCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com