Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 69Page - Cirrus Logic CS43L36 Datasheet HTML 70Page - Cirrus Logic CS43L36 Datasheet HTML 71Page - Cirrus Logic CS43L36 Datasheet HTML 72Page - Cirrus Logic CS43L36 Datasheet HTML 73Page - Cirrus Logic CS43L36 Datasheet HTML 74Page - Cirrus Logic CS43L36 Datasheet HTML 75Page - Cirrus Logic CS43L36 Datasheet HTML 76Page - Cirrus Logic CS43L36 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
DS1081F3
73
CS43L36
7.6 HP Load-Detect Registers
7.6 HP Load-Detect Registers
7.7 Headset Interface Registers
7.6.1
Load-Detect R/C Status
Address 0x1925
R/O
7
654
32
1
0
—
CLA_STAT
—
RLA_STAT
Default
00
00
00
0
0
Bits
Name
Description
7:6
—
Reserved
4
CLA_STAT
Capacitor load-detection result for HPA. See Section 4.2.2 for details.
Note: Low capacitance results were determined with CL = 1 nF; high capacitance results were determined with CL = 10 nF.
0 (Default) High capacitance (CL  ~2 nF)
1 Low capacitance (CL < ~2 nF)
1:0
RLA_STAT
Resistor load-detection result for HPA. See Section 4.2.2 for details.
00 (Default) 15
01 30
10 3 k
11 Reserved
7.6.2
HP Load Detect Done
Address 0x1926
R/O
76543
2
1
0
—
HPLOAD_DET_DONE
Default
000000
0
0
Bits
Name
Description
7:1
—
Reserved
0HPLOAD_
DET_DONE
HP load detect done. Indicates whether HP load detection is finished. See Section 4.2.2 for details.
0 (Default) HP load is not finished.
1 HP load is finished.
7.6.3
HP Load Detect Enable
Address 0x1927
R/O
7
654
32
1
0
—
HP_LD_EN
Default
00
00
00
0
0
Bits
Name
Description
7:1
—
Reserved
0
HP_LD_EN HP load detect enable. A 0-to-1 bit transition initiates load detection. See Section 4.2.2 for details.
0 (Default) Disabled
1 Enabled
7.7.1
Wake Control
Address 0x1B71
R/W
76
5
4
3
2
1
0
—
M_HP_WAKE
WAKEB_MODE
—
WAKEB_CLEAR
Default
1
1
0
000
0
0
Bits
Name
Description
7—
Reserved
6M_HP_
WAKE
Mask tip sense wake.1 Configures the mask for the tip-sense wake status.
0 Unmasked. The occurrence of a wake interrupt affects WAKE. Before unmasking, pending wake events must be cleared
via WAKEB_CLEAR.
1 (Default) Masked. The occurrence of a wake interrupt does not affect WAKE.
5
WAKEB_
MODE
WAKE output mode.1 Configures the mode of operation for the WAKE output
0 (Default) Output is latched low after a trigger event until WAKEB_CLEAR is toggled.
1 Output follows the combination logic directly (nonlatched).
4:1
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com