Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 61Page - Cirrus Logic CS43L36 Datasheet HTML 62Page - Cirrus Logic CS43L36 Datasheet HTML 63Page - Cirrus Logic CS43L36 Datasheet HTML 64Page - Cirrus Logic CS43L36 Datasheet HTML 65Page - Cirrus Logic CS43L36 Datasheet HTML 66Page - Cirrus Logic CS43L36 Datasheet HTML 67Page - Cirrus Logic CS43L36 Datasheet HTML 68Page - Cirrus Logic CS43L36 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
DS1081F3
65
CS43L36
7.3 Clocking Registers
7.3.4
FSYNC Period, Lower Byte
Address 0x1205
R/W
765
43210
FSYNC_PERIOD_LB
Default
11
111001
Bits
Name
Description
7:0 FSYNC_
PERIOD_
LB
FSYNC period LB. FSYNC_PERIOD_UB | FSYNC_PERIOD_LB controls frequency (number of SCLKs per LRCK) of LRCK
for ASP. Section 4.5.2 for details on how this register is used and Section 5 for a programming example. The final SCLKs per
LRCK count is +1 of the value set in the UB|LB register field
FSYNC_PERIOD_UB | FSYNC_PERIOD_LB yield the following setting values:
0x000 1 SCLK/LRCK …
0x0F9 (Default) 250 SCLKs/ LRCK …
0xFFF 4096 SCLKs/ LRCK
7.3.5
FSYNC Period, Upper Byte
Address 0x1206
R/W
7
6
5
43210
—
FSYNC_PERIOD_UB
Default
0
0
0
00000
Bits
Name
Description
7:4
—
Reserved
3:0
FSYNC_
PERIOD_UB
FSYNC period UB. See description for FSYNC_PERIOD_LB in Section 7.3.4.
0000 (Default)
7.3.6
ASP Clock Configuration 1
Address 0x1207
R/W
76
5
4
3
2
1
0
—
ASP_SCLK_EN ASP_HYBRID_MODE
—
ASP_SCPOL_IN_DAC ASP_LCPOL_OUT ASP_LCPOL_IN
Default
00
0
0
0
0
0
0
Bits
Name
Description
7:6
—
Reserved
5
ASP_SCLK_
EN
ASP SCLK enable. Must be set if DAI functionality is used.
0 (Default) Disabled
1 Enabled
4ASP_
HYBRID_
MODE
ASP Hybrid-Master Mode. Allows the internal LRCK to be generated from SCLK. See Fig. 4-15 for details.
0 (Default) LRCK is input from external source which is synchronous to SCLK (Slave Mode).
1 LRCK is an output generated from SCLK (Hybrid Master Mode).
3—
Reserved
2ASP_SCPOL_
IN_DAC
ASP SCLK input polarity. Determines the polarity for the DAC path. See Fig. 4-15 for details.
0 (Default) Normal
1Inverted
1
ASP_LCPOL_
OUT
ASP LRCK output drive polarity. Determines the polarity for the ASP LRCK output drive. See Fig. 4-15 for details.
0 (Default) Normal
1Inverted
0
ASP_LCPOL_
IN
ASP LRCK input polarity. Determines ASP LRCK input polarity (pad to logic). See Fig. 4-15 for details.
0 (Default) Normal
1Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com