Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 67Page - Cirrus Logic CS43L36 Datasheet HTML 68Page - Cirrus Logic CS43L36 Datasheet HTML 69Page - Cirrus Logic CS43L36 Datasheet HTML 70Page - Cirrus Logic CS43L36 Datasheet HTML 71Page - Cirrus Logic CS43L36 Datasheet HTML 72Page - Cirrus Logic CS43L36 Datasheet HTML 73Page - Cirrus Logic CS43L36 Datasheet HTML 74Page - Cirrus Logic CS43L36 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
DS1081F3
71
CS43L36
7.5 Fractional-N PLL Registers
7.5 Fractional-N PLL Registers
7.4.15 VP Monitor Interrupt Mask
Address 0x131E
R/W
7654321
0
—
M_VPMON_TRIP
Default
0000000
1
Bits
Name
Description
7:1
—
Reserved
0M_
VPMON_
TRIP
VP monitor mask.
0 Unmasked. Unmask/enable this bit only when VP exceeds the detection voltage threshold; applicable to power-up
conditions or if VP is not at its steady-state voltage.
1 (Default) Masked
7.4.16 PLL Lock Mask
Address 0x131F
R/W
7654321
0
—
M_PLL_LOCK
Default
0000000
1
Bits
Name
Description
7:1
—
Reserved
0M_PLL_
LOCK
PLL lock mask.
0 Unmasked
1 (Default) Masked
7.4.17 Tip Sense Plug/Unplug Interrupt Mask
Address 0x1320
R/W
765
43210
—
M_TS_UNPLUG
M_TS_PLUG
—
Default
00
001111
Bits
Name
Description
7:4
—
Reserved
3M_TS_
UNPLUG
Tip sense unplug mask.
0 Unmasked
1 (Default) Masked
2M_TS_
PLUG
Tip sense plug mask.
0 Unmasked
1 (Default) Masked
1:0
—
Reserved
7.5.1
PLL Control 1
Address 0x1501
R/W
76543210
—
PLL_START
Default
000000
00
Bits
Name
Description
7:1
—
Reserved
0
PLL_
START
PLL start. If MCLK_SRC_SEL = 0, the PLL is bypassed and can be powered down by clearing PLL_START. See Section 4.4.3.
0 (Default) Powered off.
1 Powered on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com