Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 47Page - Cirrus Logic CS43L36 Datasheet HTML 48Page - Cirrus Logic CS43L36 Datasheet HTML 49Page - Cirrus Logic CS43L36 Datasheet HTML 50Page - Cirrus Logic CS43L36 Datasheet HTML 51Page - Cirrus Logic CS43L36 Datasheet HTML 52Page - Cirrus Logic CS43L36 Datasheet HTML 53Page - Cirrus Logic CS43L36 Datasheet HTML 54Page - Cirrus Logic CS43L36 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
DS1081F3
51
CS43L36
5.3 Page 0x30 Read Sequence
5.3 Page 0x30 Read Sequence
The following sequence is required to read from Page 0x30:
1. Power up Page 0x30 by clearing bit 7 of register 0x1102.
2. Enable Page 0x30 reads by writing the value 0x01 to register 0x1801.
3. Perform the read from Page 0x30.
5.4 PLL Clocking
Data-path logic is in the MCLK domain, where SCLK is expected to be 12 or 24 MHz. For clocking scenarios where ASP_
SCLK is neither 12 nor 24 MHz, the PLL must be turned on to provide the desired internal MCLK. At startup, the system
sets the SCLK bypass as default mode and switches to PLL output after it settles. PLL start-up time is a maximum of 1 ms.
5.5 VD_FILT/VL ESD Diode
Note the following:
• If VD_FILT is supplied externally, VL must be supplied before VD_FILT.
• If the internal LDO is enabled, it generates VD_FILT from VL.
• If the LDO is disabled (DIGLDO_PDN asserted) and VD_FILT is supplied externally; however, the LDO diode could
be forward biased in cases where VD_FILT is supplied first.
• If the LDO is disabled and VD_FILT and VL are respectively powered via separate 1.2- and 1.8-V supplies, it is
recommended to have an ESD diode between VD_FILT and VL.
2 Power down the HP
amplifier.
Power Down Control 1. 0x1101
0xFE
Reserved
ASP_DAI_PDN
MIXER_PDN
Reserved
HP_PDN
Reserved
PDN_ALL
1
1
1
1
1
11
0
—
ASP input path is powered down
Mixer is powered down
—
HPOUT powered down
—
DAC powered up
3 Power down the ASP and
SRC.
Power Down Control 2. 0x1102
0x8C
Reserved
DISCHARGE_FILT+
SRC_PDN_OVERRIDE
Reserved
DAC_SRC_PDNB
Reserved
100
0
1
1
0
0
—
FILT+ is not clamped to ground.
SRC is powered down.
—
DAC SRC is powered down.
—
4 Power down the DAC.
Power Down Control 1. 0x1101
0xFF
Reserved
ASP_DAI_PDN
MIXER_PDN
Reserved
HP_PDN
Reserved
PDN_ALL
1
1
1
1
1
11
0
—
ASP input path is powered down
Mixer is powered down
—
HPOUT powered down
—
DAC powered down.
5 Read PDN_DONE to
confirm that the DAC is
completely powered down.
DAC Interrupt Status
. 0x1308
0x01
Reserved
PDN_DONE
0000 000
1
—
Power-down done.
6 Repeat Step 5 until the PDN_DONE status bit indicates the DAC has powered down.
7 Discharge the capacitor
attached to the FILT+ pin.
Power Down Control 2. 0x1102
0x9C
Reserved
DISCHARGE_FILT+
SRC_PDN_OVERRIDE
Reserved
DAC_SRC_PDNB
Reserved
100
1
1
1
0
0
—
FILT+ is clamped to ground.
SRC is powered down.
—
DAC SRC is powered down.
—
8 If required, remove the SCLK signal.
9 If required, remove all relevant power supplies from the DAC.
Example 5-2. Power-Down Sequence (Cont.)
STEP TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com